Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE7260T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7260T
Description  1.0MHz, 2A Synchronous Step-Down DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7260T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7260T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7260T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7260T Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7260T
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
1
Description
The ACE7260T is a 1.0MHz constant frequency, current mode step-down converter. It is ideal for
portable equipment requiring very high current up to 2A from single-cell Lithium-ion batteries while still
achieving over 90% efficiency during peak load conditions. The ACE7260T also can run at 100% duty
cycle for low dropout operation, extending battery life in portable systems while light load operation
provides very low output ripple for noise sensitive applications. The ACE7260T can supply up to 2A output
load current at 5V input voltage and the output voltage can be regulated as low as 0.6V. The high
switching frequency minimizes the size of external components while keeping switching losses low. The
internal slope compensation setting allows the device to operate with smaller inductor values to optimize
size and provide efficient operation. The ACE7260T is offered in SOT-23-5 package, and is available in
an adjustable version.
This device offers two operation modes, PWM control and PFM Mode switching control, which allows a
high efficiency over the wider range of the load.
Features
High Efficiency: Up to 95% (@3.3V)
1.0MHz Constant Frequency Operation
2A Output Current
No Schottky Diode Required
2.3V to 6.0V Input Voltage Range
Output Voltage as Low as 0.6V
PFM Mode for High Efficiency in Light Load
100% Duty Cycle in Dropout Operation
Low Quiescent Current: 40µA
Short Circuit Protection
Thermal Fault Protection
Inrush Current Limit and Soft Start
Input Over Voltage Protection (OVP)
<1µA Shutdown Current
SOT23-5 Package
Application
Cellular and Smart Phones
Wireless and DSL Modems
PDAs
Portable Instruments
Digital Still and Video Cameras
PC Cards


Similar Part No. - ACE7260T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7263CIMH ACE-ACE7263CIMH Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7260T

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com