Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE7225D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7225D
Description  2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7225D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7225D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7225D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7225D Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7225D
2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE7225D is a constant frequency, current mode step-down converter. The device integrates a
main switch and a synchronous rectifier for high efficiency without an external Schottky diode. It is ideal
for powering portable equipment that runs from a single cell Lithium-Ion (Li+) battery. The output voltage
can be regulated as low as 0.6V. The ACE7225D can also run at 100% duty cycle for low dropout
operation, extending battery life in portable system. This device offers two operation modes, PWM control
and PFM Mode switching control, which allows a high efficiency over the wider range of the load.
The ACE7225D is offered in a low profile 6-pin, SOT package, and is available in an adjustable version.
Features
High Efficiency: Up to 96%
500KHz Constant Frequency Operation
2A Output Current
No Schottky Diode Required
4.5V to 18V Input Voltage Range
Output Voltage as Low as 0.6V
Slope Compensated Current Mode Control for Excellent Line and Load Transient Response
Integrated internal compensation
Stable with Low ESR Ceramic Output Capacitors
Over Current Protection with Hiccup-Mode
Thermal Fault Protection
Inrush Current Limit and Soft Start
SOT23-6 Package
-40°C to +85°C Temperature Range
Application
Distributed Power Systems
Digital Set Top Boxes
Flat Panel Television and Monitors
Wireless and DSL Modems
Notebook Computer


Similar Part No. - ACE7225D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LABNA+H ACE-ACE72251LABNA+H Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LABNB+H ACE-ACE72251LABNB+H Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LAMN+H ACE-ACE72251LAMN+H Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE7225D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com