Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCC02-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCC02-E
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-E Datasheet(HTML) 5 Page - STMicroelectronics

  STCC02-E Datasheet HTML 1Page - STMicroelectronics STCC02-E Datasheet HTML 2Page - STMicroelectronics STCC02-E Datasheet HTML 3Page - STMicroelectronics STCC02-E Datasheet HTML 4Page - STMicroelectronics STCC02-E Datasheet HTML 5Page - STMicroelectronics STCC02-E Datasheet HTML 6Page - STMicroelectronics STCC02-E Datasheet HTML 7Page - STMicroelectronics STCC02-E Datasheet HTML 8Page - STMicroelectronics STCC02-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STCC02-ED5
5/13
■ The magnetron relay coil driver
This robust driver interfaces a DC relay coil and an MCU output. The relay coil power is rated up to 1.2 W
for VCC = 12V.
Its output stage is made of a transistor and a demagnetization diode. The transistor's reference is to the
power ground COM and has a DC current rating of 100 mA. Its collector is connected to the outputs MAG2.
The diode is connected between the output pin MAG2 and the Door Switch pin DS.
To enhance safety rules and to prevent any unventilated operation of the magnetron, the relay coil mag-
netization is enabled by the fan conduction state that becomes a logic signal FAN1\.
Furthermore, its demagnetization node is connected to the door switch pin DS: when the oven door is
open, the coil of the magnetron relay is immediately disconnected from the relay supply VCC to switch off
these heating loads.
The boolean rule of the magnetron relay operation becomes:
(Magnetron relay ON) = DS.IN2.FAN1\.
■ Fan relay coil driver
This robust driver interfaces a DC relay coil and an MCU output. The relay coil power is rated up to 1.2W
for VCC =12 V.
Its output stage is made of a transistor and a demagnetization diode. The transistor is referred to the
ground COM, has a DC current rating of 100 mA; and its collector is connected to the output FAN1. The
diode is connected between the output pin FAN1 and the supply pin VCC.
VDD
MAG2
IN2
FAN1
DS
Demagnetizing Diode
Relay
Transistor
15 k
Ω
VCC
VCC
VDD
VDD
BUZ3
FAN1
IN3
IN1
Relay
Transistor
Buzzer
Transistor
Demagnetizing Diode
50 k
Ω
15 k
Ω
1.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com