Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC14WAMDECT Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SC14WAMDECT
Description  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECT Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SC14WAMDECT Datasheet HTML 7Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 8Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 9Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 10Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 11Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 12Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 13Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 14Page - Dialog Semiconductor SC14WAMDECT Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
11 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
4.0 Functional description
4.1 AUDIO CONFIGURATION
The SC14WAMDECT SF module supports a dedicated
audio channel. The gains can be adjusted to meet the
audio
level
requirements
by
using
the
SC14WAMDECT SF application reference design. For
other acoustic designs it is needed to adjust and tune
the audio setup.
4.1.1 Microphone connection
The SC14WAMDECT SF module only supports single-
ended connection of a microphone.
4.1.2 Audio equalisation
To enable adjustments of the frequency response the
SC14WAMDECT SF contains two programmable filters
in the TX direction (see Figure 4).
4.2 POWER MANAGEMENT
To
minimise
the
current
consumption
the
SC14WAMDECT SF module will shut down all codec
amplifiers in Idle state. This means that all reference
voltages in the front-end will be disabled.
4.3 OUT-OF-RANGE HANDLING
When the PP goes in-range or out-of-range a signal is
sent from the PP to the MMI software indicating
whether the PP is in-lock or is out-of-lock with the FP.
This is used to indicate the link status via pins
LED_RED1 and LED_RED2 on the FP.
4.4 PREAMBLE ANTENNA DIVERSITY
To optimise the audio quality during rapidly changing
radio paths (fading), the SC14WAMDECT SF supports
preamble antenna diversity. The preamble diversity
algorithm uses RSSI measurements to judge the radio
signal strength on both antennas and determine the
best performing antenna. This antenna will be used for
the receive slot and for the next transmit slot.
The software embedded in the SC14WAMDECT SF
supports antenna diversity for both FP and PP with at
least one external antenna. Refer to section 5.6 and [1]
for more detailed information.
Figure 4: MIC audio routing
CELT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com