Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70210AL Datasheet(PDF) 14 Page - Microchip Technology

Part # PD70210AL
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210AL Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD70210AL Datasheet HTML 10Page - Microchip Technology PD70210AL Datasheet HTML 11Page - Microchip Technology PD70210AL Datasheet HTML 12Page - Microchip Technology PD70210AL Datasheet HTML 13Page - Microchip Technology PD70210AL Datasheet HTML 14Page - Microchip Technology PD70210AL Datasheet HTML 15Page - Microchip Technology PD70210AL Datasheet HTML 16Page - Microchip Technology PD70210AL Datasheet HTML 17Page - Microchip Technology PD70210AL Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tBLANK
Blanking time
50
100
ns
VILIM
Current limit threshold on
output of current sense
amplifier
Where PWM pulses start to
get truncated
1.1
1.2
1.3
V
VILIMHICCUP
Current limit threshold on
output of current sense
amplifier capability
Where PWM pulses start to
get omitted in hiccup mode
1.7
1.8
1.9
V
Differential Voltage Amplifier
GainDA
DC gain of differential
voltage amplifier
6.68
7.0
7.14
V
AVUGBW_DA
Unity gain bandwidth of
differential voltage
amplifier
5
MHz
VDA_CMR_MAX
Maximum of input
common-mode range
3.5
V
Drivers
RPG_HI
Drive resistance when
PG is high
10
RPG_LO
Drive resistance when
PG is low
5
tPG_MIN
Minimum on-time of PG
120
ns
DMAX
PG maximum duty cycle
44.5
50
%
RSG_HI
Drive resistance when
SG is high
10
Ω
RSG_LO
Drive resistance when
SG is low
10
Ω
tDEAD
Deadtime
60
110
190
ns
Logic Levels on VINS and ENABLE
VHI
Input high threshold
2
V
VLO
Input low threshold
0.8
V
Thermal Protection
TSD
Thermal shutdown
(rising)
157
°C
THYST
Thermal shutdown
hysteresis
15
30
°C
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com