Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7HL-DA16-R Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # R7HL-DA16-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DA16-R Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button R7HL-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 10Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 11Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 12Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 13Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 14Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 15Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 16Page - M-System Co.,Ltd. R7HL-DA16-R Datasheet HTML 17Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 13/55
http://www.m-system.co.jp/
0
15
• Di
ADD.n
CH0
CH0
CH1
CH1
(ADD.n)
ADD.n+2
(ADD.n+1)
ADD.n+4
(ADD.n+2)
ADD.n+6
(ADD.n+3)
The data is 32-bit binary.
Addresses in parenthesses are for half-duplex mode.
0
15
0
15
0
15
0
15
• Do
0
15
0
15
0
15
Command data
(Refer to the instruction manual)
Command data
(Refer to the instruction manual)
■ POSITION DATA (Data allocation: 2 for each channel, total 4) (R7HL-PA2Sx)
Lower 16 bits
Upper 16 bits
Lower 16 bits
Upper 16 bits
Command data
(Refer to the instruction manual)
Command data
(Refer to the instruction manual)
■ SPEED DATA (Data allocation: 1 for each channel, total 2) (R7HL-PA2Sx)
0
15
• Di
ADD.n
CH0
CH1
(ADD.n)
ADD.n+2
(ADD.n+1)
0
15
0
15
• Do
0
15
Command data
(Refer to the instruction manual)
Command data
(Refer to the instruction manual)
Speed data is described in 16-bit binary, which express the frequency range specified with SW1-2 to 1-4 as 10000.
Addresses for half-duplex are in parentheses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com