Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7E-RS4-R Datasheet(PDF) 22 Page - M-System Co.,Ltd.

Part # R7E-RS4-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-RS4-R Datasheet(HTML) 22 Page - M-System Co.,Ltd.

Back Button R7E-RS4-R Datasheet HTML 18Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 19Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 20Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 21Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 22Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 23Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 24Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 25Page - M-System Co.,Ltd. R7E-RS4-R Datasheet HTML 26Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 22/31
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Caution: FG terminal is NOT a protective conductor
terminal.
1
5
10
2
6
4
7
13
8
9
14
12
15
11
16
17
18
V–
V+
C1
C2
C3
C4
C5
C6
C7
PI0
PI7
PI1
PI2
PI3
PI4
PI5
PI6
Control
Circuit
Control
Circuit
18
■ Input Circuit
C0
3
PI7
PNP connection
NPN connection
+
−
■ Input Connection Examples
9
C7
1
10
2
11
V–
V+
PI0
C0
18
PI7
9
C7
1
10
2
11
V–
V+
PI0
C0
18
PI7
9
C7
1
10
2
11
V–
V+
PI0
C0
−
+
Voltage Pulse Input
Connected
18
PI7
9
C7
1
10
2
11
V–
V+
PI0
C0
+
–
+
–
Input Circuit
7
6
0V
24V DC
3
4
1
5
2
FG
Isolation
Modbus/
TCP
RJ-45
CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com