Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3Y-MS8S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-MS8S/CE
Description  Remote I/O R3 Series POTENTIOMETER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-MS8S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-MS8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-MS8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-MS8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-MS8S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3Y-MS8S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3Y-MS8
R3Y-MS8 SPECIFICATIONS
ES-8956 Rev.9 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Control
Circuit
DIP SW
ERR LED
RUN LED
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
INPUT 1
+
–
3
2
1
max.
min.
INPUT 2
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 3
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 4
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 5
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 6
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 7
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 8
+
–
3
2
1
POTENTIOMETER
max.
min.
INPUT 1
INPUT 2
INPUT 3
INPUT 4
INPUT 5
INPUT 6
INPUT 7
INPUT 8
SHORT
SHORT
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
POTENTIOMETER
19B
18B
17B
15B
14B
13B
11B
10B
9B
7B
6B
5B
19A
18A
17A
15A
14A
13A
11A
10A
9A
7A
6A
5A
Excitation
Generator
Excitation
Generator
Excitation
Generator
Excitation
Generator
Excitation
Generator
Excitation
Generator
Excitation
Generator
Excitation
Generator
*For dual redundant communication.
• Unused Input Channels
Close across the unused input terminals as shown below.
7B
6B
5B
11B
10B
9B
19B
18B
17B
15B
14B
13B
7A
6A
5A
11A
10A
9A
19A
18A
17A
15A
14A
13A
Communication
Circuit
The input will become unstable if unused channels are left open.
Unused channels can be specified and set so on the PC Configurator Software
(model: R3CON) without needing to short at the field terminals.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com