| Electronic Components Datasheet Search |
|
R3-NL2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-NL2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: R3-NL2 R3-NL2 SPECIFICATIONS ES-8428 Rev.10 Page 4/6 http://www.m-system.co.jp/ DISCRETE INPUT / OUTPUT One (1) data area can handle 16 points of discrete signals. [Example 2] Four (4) of 16-point discrete input module: Position Module Type Data Area Network Variable Module 1 R3-DA16S 1 nvoSW01 through nvoSW16 Module 2 R3-DA16S 1 nvoSW17 through nvoSW32 Module 3 R3-DA16S 1 nvoSW33 through nvoSW48 Module 4 R3-DA16S 1 nvoSW49 through nvoSW56 Module 5 R3-NL2-N Module 6 R3-PS1-R Channels 9 through 16 of the Module 4 are not transmitted. MIXED I/O Network Variables for the input channels are assigned first, and then those for the output channels are assigned to the next module position. [Example 3] Four (4) of 8-point analog input module and three (3) of 8-point analog output: Position Module Type Data Area Network Variable Module 1 R3-SV8S 8 nvoLV01 through nvoLV08 Module 2 R3-SV8S 8 nvoLV09 through nvoLV16 Module 3 R3-SV8S 8 nvoLV17 through nvoLV24 Module 4 R3-SV8S 8 nvoLV25 through nvoLV32 Module 5 R3-YV8S 8 nviLV01 through nviLV08 Module 6 R3-YV8S 8 nviLV09 through nviLV16 Module 7 R3-YV8S 8 nviLV17 through nviLV24 Module 8 R3-NL2-N Module 9 R3-PS3-R TOTALIZED PULSE INPUT / DISCRETE I/O Network Variables for the discrete input channels are assigned first, and then those for the totalized pulse input channels are assigned to the next module position. Finally those for the discrete output channels are assigned to the following module position. The I/O modules must be assigned as in the fllowing example. Adequate operation is not guaranteed in any other configuration. [Example 4] One (1) of 16-point totalized pulse input module, one (1) of 16-point discrete input module, and one (1) of 16-point discrete output: Position Module Type Data Area Network Variable Module 1 R3-DA16S 1 nvoSW01 through nvoSW16 Module 2 R3-PA16S 16 nvoC01 through nvoC16 Module 3 R3-DC16S 1 nviSW01 through nviSW16 Module 4 R3-NL2-N Module 5 R3-PS1-R |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |