Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8TWS06STRL Datasheet(PDF) 3 Page - International Rectifier

Part # 8TWS06STRL
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TWS06STRL Datasheet(HTML) 3 Page - International Rectifier

  8TWS06STRL Datasheet HTML 1Page - International Rectifier 8TWS06STRL Datasheet HTML 2Page - International Rectifier 8TWS06STRL Datasheet HTML 3Page - International Rectifier 8TWS06STRL Datasheet HTML 4Page - International Rectifier 8TWS06STRL Datasheet HTML 5Page - International Rectifier 8TWS06STRL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
8TWS..S
SAFEIR Series
Preliminary Data Sheet I2132 rev. C 10/99
Thermal-Mechanical Specifications
T
J
Max.Junction Temperature Range - 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 125
Soldering Temperature
240
°C
for 10 seconds (1.6mm from case)
R
thJC
Max. Thermal Resistance Junction
2.0
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
65
°C/W
to Ambient (PCB Mount)**
wt
ApproximateWeight
1(0.03)
g(oz.)
T
Case Style
TO-252AA(D-PAK)
Parameters
8TWS..S
Units
Conditions
Triggering
P
GM
Max. peak Gate Power
8.0
W
PG(AV)
Max. average Gate Power
2.0
+ I
GM
Max. paek positive Gate Current
1.5
A
- VGM
Max. paek negative Gate Voltage
10
V
IGT
Max. required DC Gate Current
20
mA
Anode supply = 6V, resistive load, TJ = - 10°C
to trigger
15
Anode supply = 6V, resistive load, TJ = 25°C
10
Anode supply = 6V, resistive load, T
J = 125°C
VGT
Max. required DC Gate Voltage
1.2
V
Anode supply = 6V, resistive load, TJ = - 10°C
to trigger
1
Anode supply = 6V, resistive load, T
J = 25°C
0.75
Anode supply = 6V, resistive load, T
J = 125°C
VGD
Max. DC Gate Voltage not to trigger
0.20
TJ = 125°C, VDRM = rated value
IGD
Max. DC Gate Current not to trigger
0.10
mA
TJ = 125°C, VDRM = rated value
Parameters
8TWS..S
Units
Conditions
Switching
Parameters
8TWS..S
Units
Conditions
t
gt
Typical turn-on time
0.8
µs
T
J = 25°C
t
rr
Typical reverse recovery time
3
T
J = 125°C
t
q
Typical turn-off time
100
**Whenmountedon1"square(650mm2)PCBofFR-4orG-10material4oz(140µm)copper40°C/W
Forrecommendedfootprintandsolderingtechniquesrefertoapplicationnote#AN-994



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com