Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24AC08COMTH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24AC08COMTH
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC08COMTH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24AC08COMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC08COMTH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ACE24AC08C
Two-wire Serial EEPROM
VER 1.1
6
Write Operations
A.
BYTE WRITE
A byte write operation starts when a micro-controller sends a START bit condition, follows by a
proper EEPROM device address and then a write command. If the device address bits match the
chip select address, the EEPROM device will acknowledge at the 9th clock cycle. The
micro-controller will then send the rest of the lower 8 bits word address. At the 18th cycle, the
EEPROM will acknowledge the 8-bit address word. The microcontroller will then transmit the 8bit
data. Following an ACKNOWLDEGE signal from the EEPROM at the 27th clock cycle, the
micro-controller will issue a STOP bit. After receiving the STOP bit, the EEPROM will go into a
self-timed programming mode during which all external inputs will be disabled. After a programming
time of TWC, the byte programming will finish and the EEPROM device will return to the STANDBY
mode.
B.
PAGE WRITE
A page write is similar to a byte write with the exception that one to sixteen bytes can be
programmed along the same page or memory row. All ACE24AC08C are organized to have 16 bytes
per memory row or page.
With the same write command as the byte write, the micro-controller does not issue a STOP bit after
sending the 1st byte data and receiving the ACKNOWLEDGE signal from the EEPROM on the 27th
clock cycle. Instead, it sends out a second 8-bit data word, with the EEPROM acknowledging at the
36th cycle.
This data sending and EEPROM acknowledging cycle repeats until the micro-controller
sends a STOP bit after the n × 9th clock cycle.
After which the EEPROM device will go into a self-timed partial or full-page programming mode.
After the page programming completes after a time of TWC, the devices will return to the STANDBY
mode.
The least significant 4 bits of the word address (column address) increments internally by one after
receiving each data word. The rest of the word address bits (row address) do not change internally,
but pointing to a specific memory row or page to be programmed. The first page write data word can
be of any column address. Up to 16 data words can be loaded into a page.
If more than 16 data
words are loaded, the 17th data word will be loaded to the 1st data word column address. The 18th
data word will be loaded to the 2nd data word column address and so on. In other word, data word
address (column address) will “roll” over the previously loaded data.
C.
ACKNOWLEDGE POLLING
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the STANDBY mode, the device will return a
valid ACKNOWLEDGE signal at the 9th clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com