| Electronic Components Datasheet Search |
|
47LPQ-51BG-R Datasheet(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LPQ-51BG-R Datasheet(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 8 page ![]() MODEL: 47LPQ 47LPQ SPECIFICATIONS ES-9516 Rev.14 Page 7/8 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 8V 5kΩ COM 3 4 5 1 2 Short Inductive Load (Coil) Varistor or Spark Quenching Circuit LOAD Inductive Load (Coil) LOAD Diode, Varistor or CR Circuit 9 10 POWER U(+) V(–) • DC Powered ■ Relay Protection • AC Powered ■ Input Connection Example • Open Collector or Mechanical Contact 17 15 16 ■ ALARM OUTPUT CODE 1: N.O. contact, 4 points Ry 20 18 19 Ry Ry Ry 9 10 POWER U(+) Lc (COM) Lb (NC) La (NO) Hc (COM) Hb (NC) Ha (NO) V(–) 17 15 16 ■ ALARM OUTPUT CODE 2: SPDT contact, 2 points Ry Ry 20 18 19 Lc, LLc LLa La Hc, HHc Ha HHa LL OUTPUT L OUTPUT H OUTPUT L OUTPUT H OUTPUT HH OUTPUT 9 10 POWER U(+) V(–) ■ ALARM OUTPUT CODE 0: No alarm output Digital Computation Display / Setting Control Input Sensor Excitation 1/100 Scaler Input Circuit 1 3 2 5 6 4 DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation 6 11 12 13 14 DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation 6 11 12 13 14 DC OUTPUT 7 8 + – Isolation Output Driver Note 1: The section enclosed by broken line is only with DC output option. Note 2: Chattering input signals cannot be measured accurately. Add a capacitor (10000 pF) or similar devices to the input terminals to eliminate the input signals’ instability. EXC+ OC JP INP+ COM – DI+ 1 1 Control Input Sensor Excitation 1/100 Scaler Input Circuit 3 2 5 4 Control Input Sensor Excitation 1/100 Scaler Input Circuit 3 2 5 4 *1. Close across the terminals for open collector or mechanical contact. Refer to the figure below. SENSOR EXCITATION INPUT CONTROL INPUT SHORT- CIRCUIT* 1 EXC+ OC JP INP+ COM – DI+ SENSOR EXCITATION INPUT CONTROL INPUT SHORT- CIRCUIT* 1 EXC+ OC JP INP+ COM – DI+ SENSOR EXCITATION INPUT CONTROL INPUT SHORT- CIRCUIT* 1 U * 2 * 2 * 2 *2. For detailed connection of CONTROL INPUT, refer to the operating manual (EM-9516-B). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |