| Electronic Components Datasheet Search |
|
47DV-1025-R Datasheet(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47DV-1025-R Datasheet(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 13 page ![]() MODEL: 47DV 47DV SPECIFICATIONS ES-9501 Rev.17 Page 8/13 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM ■ REAR TERMINAL ASSIGNMENTS 1 2 3 4 5 6 7 8 9 10 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 TERMINAL A TERMINAL C TERMINAL B TERMINAL D 1B 1A 25B 25A 11 13 12 14 15 16 +12V Sensor Excitation Isolate between the sensor output and the excitation supply. +24V Two-wire Transmitter Excitation For use with a smart transmitter (e.g. HART), choose ‘DC voltage input’ and ‘two-wire transmitter excitation’ when ordering, and then connect as shown below. Non-smart transmitters are also usable. Unless the sensor output does not force minus direction such as 0 to 5 V or 4 to 20 mA, the configuration as shown below is possible. It is not available except measurement range 1 to 5 V, ±5 V, 4 to 20 mA or 0 to 20 mA. *1. Resistor module (model: REM2-250) is provided separately. Attach the REM2 to the terminals 3 – 4 as shown below. • Excitation Supply Connection Examples TERMINAL A : BASIC 3 4 6 5 2 3 4 6 5 1 250Ω 4 – 20mA DC sensor output sensor excitation Smart Transmitter or Two-wire Transmitter Sensor 3 4 6 5 sensor output sensor excitation Sensor resistor*1 9 10 POWER U(+) V(–) Digital Computation Excitation Supply Infrared Interface Display / Setting A/D Converter 1 4 3 2 6 5 DC OUTPUT +12V 7 8 + – + + + – V1/I1 V2/I2 V3/I3 COM V3 COM + – + + + – V1/I1 V2/I2 V3/I3 COM + – +12V + – V3/I3 COM + – INPUT 1 – 5V + – +24V + – Isolation Output Driver INPUT EXCITATION + COM + – + – + – Note: The section enclosed by broken line is only with DC output option. • Input Terminal Assignments MEASURING RANGE TYPE ID INPUT TERMINALS 4 – 20mA 0 – 20mA ±200mA ±20mA 3 – 4 3 – 4 2 – 4 1 – 4 1 – 5V MEASURING RANGE TYPE ID INPUT TERMINALS ±5V ±200V ±20V 3 – 4 3 – 4 2 – 4 1 – 4 12 max 3 max 4 min 3.2 dia. 1 2 3 4 5 11 12 13 14 15 REM2 Recommended ring tongue terminal R1.25-3 Terminals with insulation sleeve do not fit. Applicable wire wize 0.3 to 1.25 mm2 INPUT CODE: 1 INPUT CODE: 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |