Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1EXM-2-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M1EXM-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXM-2-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M1EXM-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: M1EXM-2
M1EXM-2 SPECIFICATIONS
ES-5983 Rev.2 Page 6/7
https://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Advanced
201
Display setting
Upper: choose from 8 types*
Lower: choose from 9 types*
Upper: Ch1 PERCENT
Lower: Ch2 PERCENT
202
Channel enable
Choose from 3 types*
Ch1 enable
Ch2 enable
203
Brightness
1 (darkest) – 4 (brightest)
4
204
Display timeout
0 (always on), 1 – 60
min.
10
205
Reset all settings
OFF / RESET
OFF
206
Version indication
01
Lockout setting
Lock / Unlock
Lock
Ch1
Linearization
210
Ch1 User's table linearization
Disable / Enable
Disable
276
Ch1 Number of points
2 – 111
2
277 – 498
Ch1 Table
-5.00 – 105.00
%
X001 -5.00
Y001 -5.00
X002 105.00
Y002 105.00
01
Lockout setting
Lock / Unlock
Lock
Ch2
Linearization
510
Ch2 User's table linearization
Disable / Enable
Disable
576
Ch2 Number of points
2 – 111
2
577 – 798
Ch2 Table
-5.00 – 105.00
%
X001 -5.00
Y001 -5.00
X002 105.00
Y002 105.00
01
Lockout setting
Lock / Unlock
Lock
* For detailed types, refer to the operating manual (EM-5983-B).
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
125 (4.92)
36 (1.42)
45 (1.77)
[4 (.16)]
DIN RAIL
35mm wide
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
* Base does not come with the unit.
Please order separately.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com