Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM17 Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # SFM17
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SFM17 Datasheet(HTML) 5 Page - Rectron Semiconductor

  SFM17 Datasheet HTML 1Page - Rectron Semiconductor SFM17 Datasheet HTML 2Page - Rectron Semiconductor SFM17 Datasheet HTML 3Page - Rectron Semiconductor SFM17 Datasheet HTML 4Page - Rectron Semiconductor SFM17 Datasheet HTML 5Page - Rectron Semiconductor SFM17 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3 C/sec
LP
o
Preheat
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
o
-Time(min to max)(t )
60~120sec
s
Tsmax to TL
-Ramp-upRate
<3 C/sec
o
Time maintained above:
-Temperature(T )
217 C
L
o
-Time(t )
60~260sec
L
Peak Temperature(T )
255 C-0/+5 C
P
oo
Time within 5 C of actual Peak
o
Temperature(t )
P
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
o
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5 C~40 C Humidity=55% 25%
oo
±
2.Reflow soldering of surface-mount devices
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
Reel packing
SOD-323
7"
3,000
4.0
30,000
183*123*183
178
382*257*387
240,000
8.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com