Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N87C196MH Datasheet(PDF) 2 Page - Intel Corporation

Part # N87C196MH
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N87C196MH Datasheet(HTML) 2 Page - Intel Corporation

  N87C196MH Datasheet HTML 1Page - Intel Corporation N87C196MH Datasheet HTML 2Page - Intel Corporation N87C196MH Datasheet HTML 3Page - Intel Corporation N87C196MH Datasheet HTML 4Page - Intel Corporation N87C196MH Datasheet HTML 5Page - Intel Corporation N87C196MH Datasheet HTML 6Page - Intel Corporation N87C196MH Datasheet HTML 7Page - Intel Corporation N87C196MH Datasheet HTML 8Page - Intel Corporation N87C196MH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
2
Figure 1. 8XC196MH Block Diagram
Timer 1
Timer 2
Event
Processor
Array
3-Phase
Waveform
Generator
Port 2
Microcode
Engine
RALU
CPU
Peripheral
Transaction
Server
32K
On-chip
ROM/
OTPROM
Port 4
AD15:8
Port 3
AD7:0
Port 5
Control
Signals
Interrupt
Controller
16
8
744
Byte
Register
File
Memory
Controller
Queue
Port 6
Port 6
Waveform
Generator
A2542-01
Port 2
SIO, EPA
2 Capture/Compare
4 Compare
Port 1
SIO 0
SIO 1
Port 1
Serial I/O
Baud
Rate
Generator
Port 0
A/D
Port 0
8/10-Bit
A/D
Converter
Mux
S/H
24 Bytes
CPU SFRs
Watchdog
Timer
EXTINT
PWM0
PWM1
8
8
4
4
26
8
6
2
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com