| Electronic Components Datasheet Search |
|
GR8-EM-D-R Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
GR8-EM-D-R Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: GR8-EM GR8-EM SPECIFICATIONS ES-8621 Rev.8 Page 4/7 https://www.m-system.co.jp/ EXTERNAL VIEW Connector for Power Supply Terminating Resistor Setting SW Status Indicator LED Function Setting DIP SW 1 SW1 2 3 4 5 6 7 8 ON RJ-45 Connector for Ethernet Connector for RS-485 Communication ■ FRONT VIEW ■ RIGHT SIDE VIEW ■ STATUS INDICATOR LED LED Color Light Module Status RUN Green Blinking (1-sec cycle) Normal mode Blinking in low speed (2-sec cycle) Maintenance mode (with SW1-2 ON) Blinking in high speed (0.4-sec cycle) Error (device error when the unit wouldn't recover even after power reactivation) OFF Power is off or device error ERR Red ON Data error from RS-485 device RD Green ON Receiving data from the paired RS-485 station SD Green ON Sending data to the paired RS-485 station LINK Green ON Being linked with 10BASE or 100BASE Blinking Sending/receiving data OFF No link detected LK100 Green ON Being linked with 100BASE OFF Being linked with 10BASE or Not linked ■ DIP SW SETTING • IP Address SW1-1 Mode Function OFF (*) Normal mode Set with configurator ON Factory default mode When starting up with the SW ON, the unit temporarily operates by the factory default settings of network configuration, user ID and password. The stored settings, however, are maintained and the unit returns to the original settings upon restarting at normal mode. When network settings are changed during factory default mode, the changed settings are stored. • Maintenance mode SW1-2 Mode Function OFF (*) Normal mode Normal operation ON Maintenance mode Stop output (Modbus function 05, 06, 15, 16 are disabled) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |