Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8024 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
LTM4655
24
Rev. 0
For more information www.analog.com
OPERATION
Power Module Overview
The LTM4655 is a dual-channel non-isolated switch mode
DC/DC power supply. Each channel is fully independent
of the other. Each output can be configured for positive
or negative polarity. A channel configured for positive-
VOUT operation performs step-down DC/DC conversion
and regulates a positive output voltage, VOUTn+. A chan-
nel configured for negative-VOUT– operation performs
two-switch buck-boost DC/DC conversion and regulates
a negative output voltage, VOUTn– (this topology is also
known as a ground-referred buck converter).
An integrated LDO provides up to 25mA of output current
at +5V (LDOOUT) with respect to GND. This LDO powers
an internal 2-phase clock oscillator, yielding flexibility to
operate the switching channels 180° out-of-phase from
each other.
A channel in positive-VOUT configuration (see Test
Circuit 1) can deliver up to 4A output current with a few
external input and output capacitors. Set by a single resis-
tor, RISETn, an LTM4655 channel regulates a positive out-
put voltage, VOUTn + VOUTn+ can be set to as low as 0.5V
to as high as 26.5V of VINn. Channels in this positive-VOUT
configuration can operate from a positive input supply
rail, VINn, between 3.1V and 40V. The typical application
schematic is shown in Figure 45.
A channel in negative-VOUT– configuration (see Test
Circuit 2) can deliver up to 4A output current with a few
external input and output capacitors. The output current
capability of the LTM4655 channel in this configuration is
dependent on its VINn and VOUTn, as indicated in Figure 6.
Set by a single resistor, RISETn, the LTM4655 channel
regulates a negative output voltage, VOUTn–. VOUTn– can
be set to as low as –26.5V to as high as –0.5V. In this
negative-VOUT configuration, an LTM4655 channel can
operate from a positive input supply rail, VINn, between
3.6V and 40V. The LTM4655 channel’s safe operating
area is defined by: VINn + |VOUTn–| ≤ 40V. The typical
application schematic is shown in Figure 48. Though
an LTM4655 channel configured to regulate VOUTn– is
a ground-referred buck topology, built-in level-shift cir-
cuitry on the RUN
n, CLKINn, and PGOODn pins result
in these pins being conveniently referred to GND (not
SVOUTn–).
Each channel of the LTM4655 contains an independent,
integrated constant-frequency current mode regulator,
power MOSFETs, power inductor, EMI filter and other
supporting discrete components. The nominal switching
frequency range is from 400kHz to 3MHz, and the default
operating frequency is 400kHz. Each channel can optionally
be synchronized to its built-in clock oscillator CLKOUT
n
pins or to an externally applied clock, from 250kHz to
3MHz. See the Applications Information section. Each
channel of the LTM4655 supports internal and external
control loop compensation. Internal loop compensation
is selected by connecting the COMP
na and COMPnb pins.
Using internal loop compensation, the LTM4655 has suf-
ficient stability margins and good transient performance
with a wide range of output capacitors—even ceramic-
only output capacitors. For external loop compensation,
see the Applications Information section. LTpowerCAD®
is available for transient load step and stability analysis.
Input filter and noise cancellation circuitry reduces noise-
coupling to the module’s inputs and outputs, ensuring the
module’s electromagnetic interference (EMI) meets the
limits of EN55022 Class B (see Figure 7 through Figure 9).
Pulling the RUN
n pin below 1.2V (with respect to GND)
forces the corresponding LTM4655 channel into a shut-
down state. A capacitor can be applied from ISET
na to
SVOUTn– to program the output voltage ramp rate; or,
the default LTM4655 ramp rate can be set by connect-
ing ISET
na to ISETnb; or, voltage tracking can be imple-
mented by interfacing rail voltages to the ISET
na pin. See
the Applications Information section.
Multiphase operation can be employed by connecting the
CLKOUT
n pins to their respective CLKINn pins—or, by
connecting an external clock source to the LTM4655’s
CLKIN
n pins. See the Typical Applications section.
LDO losses within the module incurred primarily due to
MOSFET driver power are optionally reduced by connect-
ing EXTVCCn to VOUTn+ through an RC filter or by connect-
ing EXTVCCn to a suitable voltage source.
For channels configured for positive-VOUT operation, the
IMON
na pin is an analog output current indicator that
sources a current proportional to its channel’s load current.
(For channels configured for negative-VOUT– operation, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com