| Electronic Components Datasheet Search |
|
M6SWVS-E5-R Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6SWVS-E5-R Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M6SWVS M6SWVS SPECIFICATIONS ES-7977 Rev.7 Page 2/4 http://www.m-system.co.jp/ INPUT SPECIFICATIONS ■ DC Current: Input resistor incorporated Specify input resistance value among followings for code Z. 20Ω, 50Ω, 100Ω, 200Ω, 249Ω, 1000Ω (0.125 W ≥ [Input current]2 × R) ■ DC Voltage: -30 – +30 V DC Minimum span: 100 mV Offset: Max. 1.5 times span Input resistance: 1 MΩ min. (10 kΩ min. with no power supplied) INSTALLATION Power consumption: Approx. 0.6 W Operating temperature: -20 to +55°C (-4 to +131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Installation Base (model: M6SBS) or DIN rail Weight: 60 g (2.1 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output 1 to output 2 to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D hazardous locations (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |