Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS55 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS55
Description  For surface mount, low forward pressure drop
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS55 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS55 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
最大额定值及电气特性
测量环境温度为 25℃,除非另有规定。单相半波,50HZ,阻性或感性负载。
对于容性负载,电流降额 20%。
型 号
符 号
SS52
SS53
SS54
SS55
SS56
SS58
SS510
单 位
最大重复峰值反向电压
VRRM
20
30
40
50
60
80
100
V
最大平均有效值电压
VRMS
14
21
28
35
42
56
70
V
最大直流截止电压
VDC
20
30
40
50
60
80
100
V
最大平均正向整流电流 Ta=120℃
IF(AV)
5.0
A
峰值正向浪涌电流,
额定负载下,单相正弦半波 10 毫秒 ( JEDEC 方法)
IFSM
100
A
最大瞬间正向电压@5.0A
VF
0.55
0.7
0.85
V
最大反向直流电流
Ta = 25℃
@额定直流截止电压(VR=VDC)
Ta = 100℃
IR
0.5
mA
40
10
使用温度范围
TJ
-65
to+ 125
-65
to +150
℃
储存温度范围
TSTG
-65
to +150
℃
注释 :
1.
在 1MHz 下测量,施加 4.0V D.C 的反向电压.
2.
热阻是指从结至安装铜垫片端点的热阻,铜垫片面积 5×5mm(厚度 0.013mm)。
特性:
◆ 用于表面贴装
◆ 低正向压降
◆ 大电流导通能力
◆ 高可靠性
◆ 大电流浪涌能力
◆ 耐焊接热:250℃/10S,引出端 1.5mm 处
机械性能:
◆ 封
装 : 模塑封装
◆ 塑封材料:采用 UL94V-O 认可的阻燃环氧料
◆ 极
性:色带表示阴极
5.0A 表面贴装肖特基势垒二极管
尺寸单位:inch(mm)
SS52 THRU SS510
Dimensions in inches and (millimeters)
SMAFL
Cathode Band
Top View
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
0.189(4.
90)
0.144(3.
7)
0.128(3.
25)
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.1 :
www.leiditech.com
11.24.2020
1/1


Similar Part No. - SS55

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS55 JINANJINGHENG-SS55 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS55 YANGJIE-SS55 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS55 FRONTIER-SS55 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS55 LUGUANG-SS55 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS55 LUGUANG-SS55 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS55

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Shenzhen Taychipst Elec...
MBR1040VL TAYCHIPST-MBR1040VL Datasheet
1Mb / 2P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
logo
List of Unclassifed Man...
SFM3200-AW ETC2-SFM3200-AW Datasheet
411Kb / 8P
Low pressure drop
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Shanghai Leiditech Elec...
SS32F LEIDITECH-SS32F Datasheet
294Kb / 1P
For surface mount Low forward pressure drop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com