| Electronic Components Datasheet Search |
|
M6DXT-7V3-R Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXT-7V3-R Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: M6DXT M6DXT SPECIFICATIONS ES-7831 Rev.10 Page 2/5 http://www.m-system.co.jp/ Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: -2 – +102 % (Negative current output is not available.) Zero adjustment: -2 to +2 % (PC programming) Span adjustment: 98 to 102 % (PC programming) Burnout: Upscale standard; downscale or no burnout optional by programming Linearization: Standard Cold Junction Compensation: CJC sensor incorporated Power LED: Green light turns on when the power is supplied. Status indicator LED: Orange LED; Blinking patterns indicate different operating status of the transmitter. Programming: Downloaded from PC; input type and range, output type and range, zero and span, burnout type, user’s linearization table, temperature unit, cold junction compensation, response characteristics (version 1.30 or later), cold junction compensation, filter time constant, etc. For detailed information, refer to the users manual for the PC configurator. Configurator connection: 2.5 dia. miniature jack; RS-232-C level INPUT SPECIFICATIONS Input resistance: 1 MΩ min. Burnout sensing: ≤ 0.2 μA Temperature range: See Table 1. If not specified, the input range is shown below. 1 PR: 0 – 1600°C 2 K: 0 – 1000°C 3 E: 0 – 500°C 4 J: 0 – 500°C 5 T: 0 – 300°C 6 B: 500 – 1600°C 7 R: 500 – 1600°C 8 S: 0 – 1600°C N N: 0 – 1000°C OUTPUT SPECIFICATIONS ■ DC Current Output range: 0 – 20 mA DC Conformance range: 0 – 20.4 mA DC Minimum span: 1 mA Offset: Lower range can be any specific value within the output range provided that the minimum span is maintained. Load resistance: Output drive 11 V max. (e.g. 4 – 20 mA: 550 Ω [11 V ÷ 20 mA]) If not specified, the output range is 4 – 20 mA DC. ■ DC Voltage Code V2 (wide spans) Output range: -10 – +10 V DC Conformance range: -10.4 – +10.4 V DC Minimum span: 1 V Code V3 (narrow spans) Output range: -5 – +5 V DC Conformance range: -5.2 – +5.2 V DC Minimum span: 0.5 V Offset: Lower range can be any specific value within the output range provided that the minimum span is maintained. Load resistance: Output drive 1 mA max. (e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA]) If not specified, the output range is shown below. V2: 0 – 10 V DC V3: 1 – 5 V DC INSTALLATION Power consumption: Approx. 0.5 W Operating temperature: -20 to +55°C (-4 to +131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Installation Base (model: M6DBS) or DIN rail Weight: 65 g (2.3 oz) PERFORMANCE Overall accuracy: Input accuracy + output accuracy • Input accuracy: Accuracy (Table 1) + Cold Junction Compensation Error 3°C (5.4°F) • Output accuracy: Max. Output Range ÷ Span × ±0.04% Cold junction compensation error: ±3°C at 25 ±10°C ±5.4°F at 77 ±18°F Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span Response time: ≤ 0.5 sec. (0 – 90 %) Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) CALCULATION EXAMPLES OF OVERALL ACCURACY [Example] K thermocouple, 0 – 1000°C, 4 – 20 mA DC output |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |