Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDWI21 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDWI21
Description  SMD Common Mode Choke
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDWI21 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDWI21 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For HDMI, USB 3.0
A full series of common mode choke is designed for excellent noise
attenuation and compact sizing for use in wide range of applications.
Both standard series and custom designs are available.
Features
Applications
 RoHS Compliant
 Miniature SMD type common mode filter for fully automated assembly
 Excellent solderability
 HDMI
 USB lines (for personal computers and peripheral), DVC, STB,
LVDS, panel line for liquid display panels, etc.
Product Identification
 Packaging: T:Tape and Reel
Shape and Dimensions
Recommended Pattern
LDWI11
LDWI21
Dimensions in mm
TYPE
A
B
C
D
E
LDWI11
1.25 ±0.2
1.00±0.2
0.80±0.1
0.32
0.33
LDWI21
2.05 ±0.2
1.25±0.2
1.20±0.2
0.50
0.40
Dimensions in mm
TYPE
A
B
C
D
LDWI11
0.36
1.00
0.59
1.75
LDWI21
0.50
1.27
0.80
2.60
SMD Common Mode Choke
LDWI Series
LDWI11T Series
LDWI
Rev :
www.leiditech.com
01.06.2018
1/11


Similar Part No. - LDWI21

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDW LEIDITECH-LDW Datasheet
1Mb / 9P
Commom Mode Choke
logo
LETEX TECHNOLOGY CORP.
LDW-10SM LETEX-LDW-10SM Datasheet
123Kb / 2P
Reed Switch specifications
LDW-11SM LETEX-LDW-11SM Datasheet
138Kb / 2P
Reed Switch specifications
logo
Shanghai Leiditech Elec...
LDW0735 LEIDITECH-LDW0735 Datasheet
1Mb / 9P
Commom Mode Choke
LDW0735T LEIDITECH-LDW0735T Datasheet
437Kb / 7P
Commom Mode Choke
More results

Similar Description - LDWI21

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM21 ABRACON-ACM21 Datasheet
151Kb / 1P
SMD COMMON MODE CHOKE
logo
Bourns Electronic Solut...
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
SMD Common Mode Choke
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
SMD Common Mode Choke
CMMI ETC2-CMMI Datasheet
1Mb / 11P
SMD Common Mode Choke
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
SMD Common Mode Choke
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
SMD Common Mode Choke
logo
Allied Components Inter...
ACM6460 ALLIED-ACM6460 Datasheet
308Kb / 1P
SMD Common Mode Choke
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
SMD COMMON MODE CHOKE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com