| Electronic Components Datasheet Search |
|
M5TS-61W-R Datasheet(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M5TS-61W-R Datasheet(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M5TS M5TS SPECIFICATIONS ES-2462 Rev.12 Page 2/4 http://www.m-system.co.jp/ GENERAL SPECIFICATIONS Construction: Terminal block Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +110 % at 1 – 5 V Zero adjustment: -2 to +2 % (front) Span adjustment: 98 to 102 % (front) At burnout: Downscale ≤ -10 %, Upscale ≥ 110 %, For output code 4W, Downscale ≤ -3%, Upscale ≥ 103% Linearization: Standard Cold junction compensation: CJC sensor attached to the input terminals Power LED: Green LED turns on when the power is supplied. INPUT SPECIFICATIONS Minimum span: 3 mV Input resistance: 20 kΩ min. Burnout sensing: 0.1 μA Lower temperature range & span (in °C) (PR): Lower range 0 to 880°C; min. span 370°C K (CA): Lower range -270 to +1200°C; min. span 75°C E (CRC): Lower range -270 to +750°C; min. span 50°C J (IC): Lower range -210 to +800°C; min. span 60°C T (CC): Lower range -270 to +325°C; min. span 75°C B (RH): Lower range 0 to 750°C; min. span 780°C R: Lower range -50 to +550°C; min. span 360°C S: Lower range -50 to +550°C; min. span 380°C N: Lower range -270 to +1100°C; min. span 110°C Lower temperature range & span (in °F) (PR): Lower range 32 to 1616°F; min. span 670°F K (CA): Lower range -454 to +2192°F; min. span 140°F E (CRC): Lower range -454 to +1382°F; min. span 90°F J (IC): Lower range -346 to +1472°F; min. span 110°F T (CC): Lower range -454 to +617°F; min. span 140°F B (RH): Lower range 32 to 1382°F; min. span 1450°F R: Lower range -58 to +1022°F; min. span 680°F S: Lower range -58 to +1022°F; min. span 700°F N: Lower range -454 to +2012°F; min. span 200°F Note 1: The described accuracy may be partially not satisfied when the temperature ranges below 0°C. Consult M-System. Note 2: Consult M-System for the range out of the above list. OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 11 V max. ■ DC Voltage •Output code 0 (CE) Voltage range: -10 – +10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; at ≥1 V Max. 1.25 mA output drive for negative voltage •Output code 01 (Not CE) Voltage range: -1 – +1 V DC Minimum span: 10 mV Offset: Max. 1.5 times span Load resistance: Min. 100 kΩ Min. 1 MΩ for negative voltage INSTALLATION Power Consumption •AC: Approx. 2 VA at 100 V Approx. 3 VA at 200 V Approx. 3 VA at 264 V •DC: Approx. 2 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 0 to 90 %RH (non-condensing) Mounting: DIN rail Weight: 80 g (2.8 oz) PERFORMANCE in percentage of span Accuracy (whichever is greater) K, E, J: ±0.1 % of FS or ±0.2°C (±0.36°F) T, N: ±0.2 % of FS or ±0.2°C (±0.36°F) PR, B, R, S: ±0.3 % of FS (at over 400°C for R, S and PR; over 770°C for B) Cold junction compensation error (at 20°C ±10°C or 68°F ±18°F) K, E, J, T, N: ±0.5°C or ±0.9°F S, R, PR: ±1°C or ±1.8°F Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength (input to output to power to ground) DC powered: 2000 V AC @1 minute AC powered: 1500 V AC @1 minute |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |