Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2PRU-A14N-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2PRU-A14N-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PRU-A14N-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2PRU-A14N-R Datasheet HTML 1Page - M-System Co.,Ltd. M2PRU-A14N-R Datasheet HTML 2Page - M-System Co.,Ltd. M2PRU-A14N-R Datasheet HTML 3Page - M-System Co.,Ltd. M2PRU-A14N-R Datasheet HTML 4Page - M-System Co.,Ltd. M2PRU-A14N-R Datasheet HTML 5Page - M-System Co.,Ltd. M2PRU-A14N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M2PRU
M2PRU SPECIFICATIONS
ES-5076 Rev.18 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
86.7 (3.41)
7.3 (.29)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
116.7 (4.59)
• When mounting, no extra space is needed between units.
1
4
8
12
14 13
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
8
9
12
U(+)
V(–)
POWER
13
14
Voltage
Supply
INPUT
5
+
1
4
+
SENSOR EXCITATION
One-shot
+
■ Mechanical Contact
Open Collector
Input Connection Examples
+
PWR
■ Voltage Pulse
• DC Coupled
+
+
PWR
■ Open Collector
Output Connection Examples
+
9
12
+
(+)
(–)
9
12
■ Voltage Pulse
+
9
12
+
■ AC/DC SWITCH
SCALING
FACTOR ADJ.
Scaler
PULSE
WIDTH ADJ.
12kΩ
24V
+
1
4
+ 5
+
1
4
+ 5
• Capacitor Coupled
+
+
PWR
+
1
4
+ 5
■ 2-Wire Current Pulse
• Built-in Excitation
1
5
4
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
1
5
4
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
200Ω
200Ω
PULSE SENSING
TYPE SELECTOR
PULSE WIDTH
RANGE SELECTOR
*
* Provided only for voltage pulse input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com