Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSC020065F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FSC020065F
Description  Silicon Carbide Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FSC020065F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FSC020065F Datasheet HTML 1Page - First Silicon Co., Ltd FSC020065F Datasheet HTML 2Page - First Silicon Co., Ltd FSC020065F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
650-Volt Schottky Rectifier
Switch Mode Power Supplies
Zero Reverse Recovery Current
Power Factor Correction
Zero Forward Recovery Voltage
Motor Drives
High-Frequency Operation
Temperature-Independent Switching Behavior
Extremely Fast Switching
Positive Temperature Coefficient on V
Case: TO-220FC Plastic Package
Weight: Approx. 1.7g
Packaging: 50 per Tube
Marking: FSC020065F
(Ta=25℃, unless otherwise specified)
Repetitive Peak Reverse Voltage
Surge Peak Reverse Voltage
DC Blocking Voltage
Power Dissipation
Storage Temperature
Operating Junction Temperature
(Ta=25℃, unless otherwise noted)
TJ
-55 ~ +175
°C
650
650
IF
22
A
PD
48
W
TSTG
-55 ~ +175
°C
A
TC=25°C
A
IF
20
IFRM
Parameter
Symbol
Max Ratings
VRRM
650
Maximum Ratings & Thermal Characteristics
Unit
V
Features
Mechanical Data
Applications
Package
RθJC
3.1
°C/W
V
VRSM
VDC
V
Continuous Forward Current
Repetitive Peak Forward Surge Current
TC=25°C
TC=45°C
TC=110°C
Thermal Charateristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance, Junction to Case
51
Cathode
Anode
Silicon Carbide Diode
2020. 05. 11
1/3
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FSC020065F
F


Similar Part No. - FSC020065F

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSC002GSC1T AXIOMTEK-FSC002GSC1T Datasheet
88Kb / 1P
Suitable for high demanding applications
FSC004GSC1T AXIOMTEK-FSC004GSC1T Datasheet
88Kb / 1P
Suitable for high demanding applications
FSC008GSC1T AXIOMTEK-FSC008GSC1T Datasheet
88Kb / 1P
Suitable for high demanding applications
FSC016GSC1T AXIOMTEK-FSC016GSC1T Datasheet
88Kb / 1P
Suitable for high demanding applications
FSC032GSC1T AXIOMTEK-FSC032GSC1T Datasheet
88Kb / 1P
Suitable for high demanding applications
More results

Similar Description - FSC020065F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
Silicon Carbide Diode
NXPSC06650D WEEN-NXPSC06650D Datasheet
272Kb / 10P
Silicon Carbide Diode
NXPSC08650 WEEN-NXPSC08650 Datasheet
482Kb / 8P
Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com