Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWR200C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SWR200C
Description  Precision Sine Wave Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SWR200C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SWR200C Datasheet HTML 1Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 2Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 3Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 4Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following refers to the schematic in Figure 1.
A1 and A2 are connected as a phase-shift oscillator
circuit with the frequency set by the external
capacitors C1 and C2. Q4 is included in the
feedback loop of A1 as a gain control element.
The oscillator output is fed to the chopper amplifier
which develops an absolute value representation of
the
oscillator
output.
The
chopper
output
is
compared to a precision DC reference in integrator
amplifier A3. This DC error signal is used ot control
the gain setting FET Q4.
As in all precision zener based DC references, the
drift of the zener becomes nonlinear at temperature
extremes. The chopper amplifier drift characteristic
is
complementary
to
this
nonlinearity
and
compensates for the reference drift.
APPLICATION INFORMATION
Figure 1 shows the connections for the SWR200
including the two frequency setting capacitors. The
frequency is:
The frequency stability is directly related to the
stability of the capacitors, therefore stable capacitors
like NPO ceramic, or polycarbonate or polystyrene
film should be used.
Two
separate
ground
pins
are
provided
for
accurate ground sensing. This minimizes errors due
to drops in the ground pin which can become a
significant source of error in sockets.
The offset of the SWR200 is fully specified for
initial offset and drift and is low enough that it can
normally be neglected. In applications which are
especially sensitive to offset the output can be AC
coupled. Proper capacitor sizing and high impedance
sensing will minimize errors due to capacitive
coupling.
f =
10
C
C
-5
SCHEMATIC
FIGURE 1
1
2
SWR200DS REV. D JUNE 1995



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com