Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS25FA Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS25FA
Description  Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS25FA Datasheet(HTML) 4 Page - ON Semiconductor

  SS25FA Datasheet HTML 1Page - ON Semiconductor SS25FA Datasheet HTML 2Page - ON Semiconductor SS25FA Datasheet HTML 3Page - ON Semiconductor SS25FA Datasheet HTML 4Page - ON Semiconductor SS25FA Datasheet HTML 5Page - ON Semiconductor SS25FA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS22FA − S215FA
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 7. Typical Reverse Characteristics
Figure 8. Typical Reverse Characteristics
Figure 9. Typical Reverse Characteristics
Figure 10. Typical Reverse Characteristics
Figure 11. Typical Junction Capacitance
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
100000
SS22FA−SS23FA
T
A
= 125
oC
T
A
= 75
oC
T
A
=150
oC
T
A
= 25
oC
T
A
= −40
oC
T
A
= −55
oC
Percent of Rated Peak Reverse Voltage [%]
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
SS25FA
T
A
= 125
oC
T
A
= 75
oC
T
A
=150
oC
T
A
= 25
oC
T
A
= −40
oC
T
A
= −55
oC
Percent of Rated Peak Reverse Voltage [%]
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
S210FA
T
A
= 125
oC
T
A
= 75
oC
T
A
=150
oC
T
A
= 25
oC
T
A
= −40
oC
T
A
= −55
oC
Percent of Rated Peak Reverse Voltage [%]
0.1
1
10
100
1
10
100
1000
S215FA
SS25FA
S210FA
Reverse Voltage, V
R
[V]
SS22FA−SS23FA
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
S215FA
T
A
= 125
oC
T
A
= 75
oC
T
A
=150
oC
T
A
= 25
oC
T
A
= −40
oC
T
A
= −55
oC
Percent of Rated Peak Reverse Voltage [%]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com