Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSMA7 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # FSMA7
Description  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FSMA7 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  FSMA7 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FSMA7 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (01.04.14)
FSM Series
Operating Distance
Magnetic units
CL10
CL11
CL18
CL20S1
CL20S3
CL23
CL31
FSMA2
-
16
2
14
13
11
19
FSMS2
-9
-
-
-
-
-
FSMA7*
--
-
-
-
-
-
FSMS2S2AT
--
-
≥ 5
8-
-
Distances are specified in millimeters(mm)
xx: operating distance (for all Output functions).
*
≥7 mm with Neodimium REN 35, 5x5x1.5 mm magnetic unit mounted on iron (ordering code: CL5X5X15)
Dimensions
FSMA2
FSMA7
FSMS2
black
blue
black
blue
yellow
FSMA2
FSMS2
Ø 11.5
60
M12 x 1
M12 X 1
M16 x 1
25
75
45
60
75
FSMS2S2AT
FSMA7
75
LED
Wiring Diagrams
FSMS2S2AT
black
blue
brown



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com