Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPZ2012S601AT000 Datasheet(PDF) 11 Page - Microchip Technology

Part # MPZ2012S601AT000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPZ2012S601AT000 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MPZ2012S601AT000 Datasheet HTML 7Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 8Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 9Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 10Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 11Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 12Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 13Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 14Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
EVB-KSZ9477
EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002594A-page 11
Chapter 1. Overview
1.1
INTRODUCTION
The EVB-KSZ9477 evaluation board features the KSZ9477 seven-port managed giga-
bit Ethernet switch. It has five 10BASE-Te/100BASE-TX/1000BASE-T physical layer
transceivers (PHYs) and associated MAC units, one SGMII and one RGMII interfaces.
Ports 1 through 5, with integrated MAC and PHY are connected to RJ45 Ethernet jacks
with integrated magnetics. The SGMII interface is connected to a small form-factor
pluggable (SFP) transceiver receptacle whereas, the RGMII interface is connected to
the SAMA5D36A embedded microprocessor (MPU).
A user can use the on-board MPU for the customized applications such as IEEE 1588,
audio-video bridging (AVB) and ring redundancy (DLR & HSR). The board also pro-
vides 2Gb (265MB) DDR2 SDRAM and 2Gb (256MB) of NAND flash memory.
The scope of this document is to describe the EVB-KSZ9477 evaluation board setup
and corresponding jumper configurations. A simplified block diagram of the board is
shown in Figure 1-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com