Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG6640 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 18Page - STMicroelectronics VG6640 Datasheet HTML 19Page - STMicroelectronics VG6640 Datasheet HTML 20Page - STMicroelectronics VG6640 Datasheet HTML 21Page - STMicroelectronics VG6640 Datasheet HTML 22Page - STMicroelectronics VG6640 Datasheet HTML 23Page - STMicroelectronics VG6640 Datasheet HTML 24Page - STMicroelectronics VG6640 Datasheet HTML 25Page - STMicroelectronics VG6640 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
Functional description
VG6640, VD6640
22/126
DocID023597 Rev 11
3.1.5
Power management
The power management block provides the necessary supplies to the CAB and improves
the power supply rejection ratio (PSRR).
3.1.6
Multiple exposure HDR pixel
The high dynamic range (HDR) image data is constructed by combination of three
exposures (integration time) for each pixel. A long exposure captures details in the dark
parts of the scene, whilst a short exposure captures details in the bright parts. A mid-length
exposure captures all mid-range details.
Figure 6. Multiple exposure HDR pixel
During pixel data collection, the long exposure is made first and stored in SRAM. Then the
medium exposure is made Finally, the short exposure is made and once all the data is
collected, the three exposures are intelligently merged to create one high dynamic range
pixel value.
3.2
Digital video block
The HDR video pipe includes the following main functional blocks:
•
three sub-pipes, one for each pixel exposure, see Section 3.2.1
•
statistics gathering, see Section 3.2.2
•
pattern generator, see Section 3.2.3
•
HDR rescaling, see Section 3.2.4
•
piece-wise linear (PWL) compression, see Section 3.2.5
•
status line and trailer, see Section 3.2.6
•
defect correction supporting RAW Bayer and Monochrome color masks.
Lo n g  12b it 
exp o su re
Sto re d
Med iu m  10b it
exposu re
Sto re d
Sh o rt 10b it
exp o su re
17bit
22bit
HD R  Im age
HD R  Me rg e
M2 L
and
Dig ita l Ga in
HD R  Me rg e
S2 M L
and
Dig ita l Ga in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com