Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z75VC Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM3Z75VC
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z75VC Datasheet(HTML) 2 Page - ON Semiconductor

  MM3Z75VC Datasheet HTML 1Page - ON Semiconductor MM3Z75VC Datasheet HTML 2Page - ON Semiconductor MM3Z75VC Datasheet HTML 3Page - ON Semiconductor MM3Z75VC Datasheet HTML 4Page - ON Semiconductor MM3Z75VC Datasheet HTML 5Page - ON Semiconductor MM3Z75VC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MM3Z2V4C − MM3Z75VC
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Device Type
Device
Marking
VZ (V) @ IZT
ZZT(
W) @ IZT IZT (mA) ZZK(W) @ IZK IZK (mA) IR(mA) @ VR
VR(V)
Min.
Typ.
Max.
Max.
−
Max.
−
Max.
−
MM3Z2V4C
Z0
2.28
2.4
2.52
94
5
564
1
45
1
MM3Z2V7C
Z1
2.57
2.7
2.84
94
5
564
1
18
1
MM3Z3V0C
Z2
2.85
3
3.15
89
5
564
1
9
1
MM3Z3V3C
Z3
3.14
3.3
3.47
89
5
564
1
4.5
1
MM3Z3V6C
Z4
3.42
3.6
3.78
84
5
564
1
4.5
1
MM3Z3V9C
Z5
3.71
3.9
4.1
84
5
564
1
2.7
1
MM3Z4V3C
Z6
4.09
4.3
4.52
84
5
564
1
2.7
1
MM3Z4V7C
Z7
4.47
4.7
4.94
75
5
470
1
2.7
2
MM3Z5V1C
Z8
4.85
5.1
5.36
56
5
451
1
1.8
2
MM3Z5V6C
Z9
5.32
5.6
5.88
37
5
376
1
0.9
2
MM3Z6V2C
ZA
5.89
6.2
6.51
9
5
141
1
2.7
4
MM3Z6V8C
ZB
6.46
6.8
7.14
14
5
75
1
1.8
4
MM3Z7V5C
ZC
7.11
7.5
7.86
14
5
75
1
0.9
5
MM3Z8V2C
ZD
7.79
8.2
8.61
14
5
75
1
0.63
5
MM3Z9V1C
ZE
8.65
9.1
9.56
14
5
94
1
0.45
6
MM3Z10VC
ZF
9.5
10
10.5
18
5
141
1
0.18
7
MM3Z11VC
ZG
10.45
11
11.55
18
5
141
1
0.09
8
MM3Z12VC
ZH
11.4
12
12.6
23
5
141
1
0.09
8
MM3Z13VC
ZJ
12.35
13
13.65
28
5
160
1
0.09
8
MM3Z15VC
ZK
14.25
15
15.75
28
5
188
1
0.045
10.5
MM3Z16VC
ZL
15.2
16
16.8
37
5
188
1
0.045
11.2
MM3Z18VC
ZM
17.1
18
18.9
42
5
212
1
0.045
12.6
MM3Z20VC
ZN
19
20
21
51
5
212
1
0.045
14
MM3Z22VC
ZP
20.9
22
23.1
51
5
235
1
0.045
15.4
MM3Z24VC
ZR
22.8
24
25.2
65
5
235
1
0.045
16.8
MM3Z27VC
ZS
25.65
27
28.35
75
2
282
0.5
0.045
18.9
MM3Z30VC
ZT
28.5
30
31.5
75
2
282
0.5
0.045
21
MM3Z33VC
ZU
31.35
33
34.65
75
2
306
0.5
0.045
23
MM3Z36VC
ZV
34.2
36
37.8
84
2
329
0.5
0.045
25.2
MM3Z39VC
ZW
37.05
39
40.95
122
2
329
0.5
0.045
27.3
MM3Z43VC
ZX
40.85
43
45.15
141
2
353
0.5
0.045
30.1
MM3Z47VC
ZY
44.65
47
49.35
160
2
353
0.5
0.045
33
MM3Z51VC
Z−
48.45
51
53.55
169
2
376
0.5
0.045
35.7
MM3Z56VC
Z=
53.2
56
58.8
188
2
400
0.5
0.045
39.2
MM3Z62VC
Z≡
58.9
62
65.1
202
2
423
0.5
0.045
43.4
MM3Z68VC
Z>
64.6
68
71.4
226
2
447
0.5
0.045
47.6
MM3Z75VC
Z<
71.25
75
78.75
240
2
470
0.5
0.045
52.5
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. The Zener Voltage (VZ) is tested under pulse condition of 10 ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
3. The zener impedance is derived from the 60−cycle ac voltage, which results when an ac current having an rms value equal to 10% of the
dc zener current (IZT or IZK) is superimposed to IZT or IZK
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com