Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4022BCPZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4022BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4022BCPZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4022BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 31 of 39
CS MODE, 3-WIRE WITHOUT THE BUSY INDICATOR
This mode is typically used when a single AD4020/AD4021/
AD4022 device is connected to an SPI-compatible digital host.
The connection diagram is shown in Figure 55, and the
corresponding timing diagram is shown in Figure 56.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable bit in the configuration register
to 0 (see Table 12). Turbo mode is disabled by default.
When performing conversions in this mode, SDI must be held
high. SDI can be connected to VIO if register reading and writing is
not required. A rising edge on CNV initiates a conversion and
forces SDO to high impedance. After a conversion is initiated, it
continues until completion, irrespective of the state of CNV. This
feature can be useful when bringing CNV low to select other
SPI devices, such as analog multiplexers. However, CNV must
be returned high before the minimum conversion time (tCONV)
elapses and then held high for the maximum possible
conversion time to avoid generating the busy signal indicator.
When the conversion is complete, the AD4020/AD4021/AD4022
enter the acquisition phase and power down. There must not be
any digital activity on SCK during the conversion.
When CNV goes low, the MSB is output onto SDO. The
remaining data bits are clocked out on SDO by subsequent SCK
falling edges. The data is valid on both SCK edges. Although the
rising edge can capture the data, a digital host using the SCK
falling edge allows a faster reading rate, provided it has an
acceptable hold time, as dictated by tHSDO (see Table 2). If the
status bits are not enabled, SDO returns to high impedance after
the 20th SCK falling edge. If the status bits are enabled, they are
shifted out on SDO on the 21st through the 26th SCK falling
edges (see the Status Bits section). SDO returns to high
impedance after the final SCK falling edge, or when CNV goes
high (whichever occurs first).
AD4020/
AD4021/
AD4022
SDI1
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
1SDI MUST BE CONNECTED TO THE DIGITAL HOST DATA OUT
TO WRITE TO THE CONFIGURATION REGISTER.
Figure 55. CS Mode, 3-Wire Without Busy Indicator Connection Diagram
SDO
D19
D18
D17
D1
D0
tDIS
SCK
12
3
18
19
20
tSCK
tSCKL
tSCKH
HSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tEN
tQUIET2
tCONV
Figure 56. CS Mode, 3-Wire Without the Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com