Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19432240297 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19432240297
Description  Han-Eco 24B Outd-HSM2-w. SL-M32 w. cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19432240297 Datasheet(HTML) 1 Page - HARTING Technology Group

  19432240297 Datasheet HTML 1Page - HARTING Technology Group 19432240297 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 43 224 0297
Han-Eco 24B Outd-HSM2-w. SL-M32 w. cover
Han-Eco 24B Outd-HSM2-w. SL-M32 w. cover
Image is for illustration purposes only. Please refer to product description.
Part number
19 43 224 0297
Specification
Han-Eco 24B Outd-HSM2-w. SL-M32 w.
cover
HARTING eCatalogue
https://b2b.harting.com/19432240297
Identification
Category
Hoods/Housings
Series of hoods/housings
Han-Eco® B
Type of hood/housing
Surface mounted housing
Description of hood/housing
With thermo-plastic cover
Version
Locking type
Single locking lever
Size
24 B
Version
Side entry
Cable entry
2x M32
Technical characteristics
Limiting temperature
-40 ... +125 °C
Number of relockings
≥500
Degree of protection acc. to IEC 60529
IP66
Material properties
Material (hood/housing)
Polyamide (PA)
Fibre-glass reinforced
Colour (hood/housing)
RAL 9005 (jet black)
Material (seal)
FPM
Colour (seal)
RAL 7001 (silver-grey)
Material (locking)
Polyamide (PA)
Fibre-glass reinforced
Page 1 / 2 | Creation date 2020-05-04 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19432240297

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19432240291 HARTING-19432240291 Datasheet
484Kb / 2P
Han-Eco 24B Outd-HSM2-with SL-M25
19432240292 HARTING-19432240292 Datasheet
484Kb / 2P
Han-Eco 24B Outd-HSM2-with SL-M32
19432240293 HARTING-19432240293 Datasheet
484Kb / 2P
Han-Eco 24B Outd-HSM2-with SL-M40
19432240296 HARTING-19432240296 Datasheet
482Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M25 w. cover
19432240298 HARTING-19432240298 Datasheet
482Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M40 w. cover
More results

Similar Description - 19432240297

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-43-210-0297 HARTING-19-43-210-0297 Datasheet
480Kb / 2P
Han-Eco 10B Outd-HSM2-w. SL-M32 w. cover
19-43-206-0297 HARTING-19-43-206-0297 Datasheet
490Kb / 2P
Han-Eco 6B Outd-HSM2-w. SL-M32-w. cover
19-43-216-0297 HARTING-19-43-216-0297 Datasheet
482Kb / 2P
Han-Eco 16B Outd-HSM2-w. SL-M32 w. cover
19-43-224-0292 HARTING-19-43-224-0292 Datasheet
484Kb / 2P
Han-Eco 24B Outd-HSM2-with SL-M32
19-43-224-0257 HARTING-19-43-224-0257 Datasheet
439Kb / 2P
Han-Eco 24B Outd-HSM1-w. SL-M32 w. cover
19-43-224-0298 HARTING-19-43-224-0298 Datasheet
482Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M40 w. cover
19-43-224-0296 HARTING-19-43-224-0296 Datasheet
482Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M25 w. cover
19-43-324-0297 HARTING-19-43-324-0297 Datasheet
550Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M32-cov.-gl.
19-43-324-0292 HARTING-19-43-324-0292 Datasheet
491Kb / 2P
Han-Eco 24B Outd-HSM2-w. SL-M32-glanded
19-43-324-0272 HARTING-19-43-324-0272 Datasheet
440Kb / 2P
Han-Eco 24B Outd-HSM2-w. DL-M32-glanded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com