Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC2010 Datasheet HTML 1Page - STMicroelectronics TSC2010 Datasheet HTML 2Page - STMicroelectronics TSC2010 Datasheet HTML 3Page - STMicroelectronics TSC2010 Datasheet HTML 4Page - STMicroelectronics TSC2010 Datasheet HTML 5Page - STMicroelectronics TSC2010 Datasheet HTML 6Page - STMicroelectronics TSC2010 Datasheet HTML 7Page - STMicroelectronics TSC2010 Datasheet HTML 8Page - STMicroelectronics TSC2010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
3
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
-0.3 to 7
V
VICM
Common mode voltage on input pins
-25 to 76
V
VDIF
Differential voltage between input pins (In+, In-)
7
V
VREF1 VREF2 VOUT Voltage present on pins Ref1, Ref2, Out
Gnd - 0.3 to Vcc + 0.3
V
IIN
Input current to any pins (2)
5
mA
TSTG
Storage temperature
-65 to 150
°C
TJ
Junction temperature
150
°C
RTHJA
Thermal resistance junction to ambient (3)(4)
SO8
MiniSO8
125
190
°C/W
ESD
Human body model (HBM) (5)
2000
V
Charged device model (CDM) (6)
1000
Latch-up immunity
200
mA
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
2. Input voltage can go beyond supply voltage but input current must be limited. Using a serial resistor with the input is highly
recommended in that case.
3. Short-circuits can cause excessive heating and destructive dissipation.
4. Rth are typical values.
5. According to JEDEC standard JESD22-A114F.
6. According to ANSI/ESD STM5.3.1.According to ANSI/ESD STM5.3.1.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
2.7 to 5.5
V
Vicm
Common mode voltage on input pins
-20 to +70
V
Vref
Output offset adjustment range
0 to Vcc
V
T
Operating free-air temperature range
-40 to 125
°C
TSC2010, TSC2011, TSC2012
Maximum ratings
DS13057 - Rev 4
page 4/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com