| Electronic Components Datasheet Search |
|
ZSC31015EIG1-R Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSC31015EIG1-R Datasheet(HTML) 5 Page - Renesas Technology Corp |
|
5 / 53 page ![]() © 2016 Integrated Device Technology, Inc 5 November 14, 2016 ZSC31015 Datasheet List of Figures Figure 2.1 ZSC31015 Block Diagram ..................................................................................................................13 Figure 2.2 DAC Output Timing for Highest Update Rate.....................................................................................18 Figure 3.1 General Working Mode.......................................................................................................................24 Figure 3.2 Manchester Duty Cycle.......................................................................................................................25 Figure 3.3 19-Bit Write Frame..............................................................................................................................26 Figure 3.4 Read Acknowledge.............................................................................................................................26 Figure 3.5 Digital Output (NOM) Bridge Readings ..............................................................................................27 Figure 3.6 Digital Output (NOM) Bridge Readings with Temperature .................................................................27 Figure 3.7 Read EEPROM Contents ...................................................................................................................28 Figure 3.8 Transmission of a Number of Data Packets .......................................................................................28 Figure 3.9 ZACwire™ Output Timing for Lower Update Rates............................................................................29 Figure 4.1 Rail-to-Rail Ratiometric Voltage Output – Temperature Compensation via External Diode ..............42 Figure 4.2 Absolute Analog Voltage Output – Temperature Compensation via Internal Temperature PTAT with External JFET Regulation...................................................................................................................43 Figure 4.3 Ratiometric Output, Temperature Compensation via Internal Diode..................................................44 Figure 5.1 EEPROM Validation and Restoration Procedure ...............................................................................46 Figure 6.1 ZSC31015 Pin-Out Diagram...............................................................................................................47 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |