Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM6581F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM6581F
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM6581F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM6581F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 20Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 21Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 22Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 23Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 24Page - List of Unclassifed Manufacturers DM6581F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
21
Version: DM560P-DS-P07
August 11, 2000
Plug and Play Isolation Sequence
The Plug and Play isolation sequence is divided into
four states: Wait for Key, Sleep, Isolation, and
Configuration. The state transitions for the Plug and
Play ISA card are shown below:
POWER UP
RETDRV OR
RESET COMMAND
WAIT FOR KEY
STATE
ACTIVE COMMANDS
NO ACTIVE
COMMANDS
SLEEP
STATE
ACTIVE COMMANDS
RESET
RESET CSN
WAIT FOR KEY
WAKE(CSN)
ISOLATION
STATE
ACTIVE COMMANDS
RESET
RESET CSN
WAIT FOR KEY
SET RD_DATA PORT
SERIAL ISOLATION
WAKE(CSN)
SET CSN
CONFIG
STATE
ACTIVE COMMANDS
RESET
RESET CSN
WAIT FOR KEY
WAKE(CSN)
RESOURCE DATA
STATUS
LOGICAL DIVICE
I/O RANGE CHECK
ACTIVATE
CONFIGURATION REGISTERS
SET CSN
WAKE=0 & CSN=0
WAKE<>CSN
WAKE<>0 & WAKE=CSN
LOSE SERIAL ISOLATION OR
WAKE<>CSN
Plug and Play ISA Card State Transitions
Notes:
1. CSN = Card Select Number.
2. RSTDRV causes a state transition from the current state to Wait for Key and sets all CSNs to zero.
3. The Wait for Key command causes a state transition from the current state to Wait for Key.
4. The Reset CSN commands include PnP Reset CSN and DM Reset CSN commands.
PnP Reset CSN initializes all ISA PnP card CSNs to zero. The DM Reset CSN command initializes all DM6583
PnP card CSNs to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com