Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM6580L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM6580L
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM6580L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM6580L Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
7
Version: DM560P-DS-P07
August 11, 2000
DM6583 Pin Description (continued)
Pin No.
Pin Name
I/O
Description
43
T1
I
Controller Counter 1 Input
44
/RI
I
Ring Signal Input
45
/DTR
I
DTR Input Pin (P1.1)
46
/OH
O
Hook Relay Control (P1.2)
47
/VOICE
O
Voice Relay Control. Modem Control Output (memory map is bit
3 of DAA)
48-50
EEPROM 1-3
I/O
EEPROM Control Pins (P1.4-P1.6)
53
RXD
I
Controller Serial Port Data Input
54
TXD
O
Controller Serial Port Data Output
55
ALE/P
O
Controller Address Latch Enable:
Output pulse for latching the low byte of the address during
accesses to the external memory.
56
/PSEN
O
Controller Program Store Enable:
This output goes low during a fetch from external program memory.
57
/WR
O
Controller External Data Memory Write Control
58
/RD
O
Controller External Data Memory Read Control
60 - 67
CA15 - CA8
O
Controller Address Bus
69 - 76
CA7 - CA0
O
Controller Address Bus
77 - 84
D7 - D0
I/O
Controller Data Bus
86
TXRCLK
I
Transmitter Baud Rate Clock Input (Controller INT 0)
87
RXRCLK
I
Receiver Baud Rate Clock Input (Controller INT 1)
88
/POR
O
DSP Reset Output
89, 90
VOICE Se1 1
VOICE Se1 2
O
Modem Control Output (Memory map is bit 1-2 of DAA at memory
address D000H)
91 - 94
A12 - A15
I
System Address:
These signals are connected to the bus of the PC I/O. They are
used to select the DM6583 I/O ports.
95
/PNPEN
I
PnP Mode Enable:
This pin selects PnP mode. When connected to ground, the
DM6583 will enter PnP mode when it receives the PnP initiation key
sequence. When disconnected, an internal pull up will disable the
Plug and Play function.
97
/TUCS
O
TX DSP Register Select Output:
Memory address mapping of the controller is F000H.
98
PS1
O
Modem Control Port Select Output:
Memory address mapping of the controller is D800H.
99
EXT/INTB
I
Select Pin: Used to select internal or external operation.
0: internal modem
1: external modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com