Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

565771 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 565771
Description  Hinge cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

565771 Datasheet(HTML) 1 Page - Festo Corporation.

  565771 Datasheet HTML 1Page - Festo Corporation. 565771 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hinge cylinder
DWA-63-150-Y-AB-G
Part number: 565771
Data sheet
Feature
Value
Stroke
150 mm
Piston diameter
63 mm
Piston rod thread
M16x1.5
Wide rod clevis/swivel mounting
16 mm
Type code
DW
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Design
Cylinder barrel
Piston rod with rod clevis
Swivel mounting on bearing cap
Piston
Velocity control
Integrated flow control at both ends
Position sensing
For proximity sensor
Piston rod end
External thread with rod clevis
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
1.3 J
Cushioning length
20 mm
Theoretical force at 6 bar, retracting
1682 N
Theoretical force at 6 bar, advancing
1870 N
Moving mass at 0 mm stroke
741 g
Additional weight per 10 mm stroke
42 g
Basic weight with 0 mm stroke
1600 g
Additional moving mass per 10 mm stroke
25 g
Alternative connections
See product drawing
Type of mounting
With accessories
With swivel mounting on bearing cap
Pneumatic connection
G1/4
Rod clevis material
Tempered steel
Cast steel
Note on materials
RoHS-compliant
Scraper material
Bronze
11/24/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 565771

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565770 FESTO-565770 Datasheet
85Kb / 2P
Hinge cylinder
565772 FESTO-565772 Datasheet
86Kb / 2P
Hinge cylinder
565773 FESTO-565773 Datasheet
86Kb / 2P
Hinge cylinder
565774 FESTO-565774 Datasheet
85Kb / 2P
Hinge cylinder
565775 FESTO-565775 Datasheet
86Kb / 2P
Hinge cylinder
More results

Similar Description - 565771

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
DWA-50-125-Y-AB-G FESTO-DWA-50-125-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com