Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLITE35F2M6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7FLITE35F2M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE35F2M6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7FLITE35F2M6 Datasheet HTML 5Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 6Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 7Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 10Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 11Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 12Page - STMicroelectronics ST7FLITE35F2M6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 167 page
background image
ST7LITE3
9/167
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset Status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
FFh1)
00h
40h
R/W
R/W
R/W
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
FFh 1)
00h
00h
R/W
R/W
R/W2)
0006h
0007h
Reserved area (2 bytes)
0008h
0009h
000Ah
000Bh
000Ch
LITE
TIMER 2
LTCSR2
LTARR
LTCNTR
LTCSR1
LTICR
Lite Timer Control/Status Register 2
Lite Timer Auto-reload Register
Lite Timer Counter Register
Lite Timer Control/Status Register 1
Lite Timer Input Capture Register
0Fh
00h
00h
0X00 0000h
xxh
R/W
R/W
Read Only
R/W
Read Only
000Dh
000Eh
000Fh
0010h
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
0024h
0025h
AUTO-
RELOAD
TIMER 3
ATCSR
CNTR1H
CNTR1L
ATR1H
ATR1L
PWMCR
PWM0CSR
PWM1CSR
PWM2CSR
PWM3CSR
DCR0H
DCR0L
DCR1H
DCR1L
DCR2H
DCR2L
DCR3H
DCR3L
ATICRH
ATICRL
ATCSR2
BREAKCR
ATR2H
ATR2L
DTGR
Timer Control/Status Register
Counter Register 1 High
Counter Register 1 Low
Auto-Reload Register 1 High
Auto-Reload Register 1 Low
PWM Output Control Register
PWM 0 Control/Status Register
PWM 1 Control/Status Register
PWM 2 Control/Status Register
PWM 3 Control/Status Register
PWM 0 Duty Cycle Register High
PWM 0 Duty Cycle Register Low
PWM 1 Duty Cycle Register High
PWM 1 Duty Cycle Register Low
PWM 2 Duty Cycle Register High
PWM 2 Duty Cycle Register Low
PWM 3 Duty Cycle Register High
PWM 3 Duty Cycle Register Low
Input Capture Register High
Input Capture Register Low
Timer Control/Status Register 2
Break Control Register
Auto-Reload Register 2 High
Auto-Reload Register 2 Low
Dead Time Generator Register
0X00 0000h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
03h
00h
00h
00h
00h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
0026h to
002Dh
Reserved area (8 bytes)
002Eh
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
0002Fh
FLASH
FCSR
Flash Control/Status Register
00h
R/W
00030h
EEPROM
EECSR
Data EEPROM Control/Status Register
00h
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com