Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2G6SFPI35-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2G6SFPI35-R
Description  Six Port SFP Gigabit Ethernet PCI Express Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G6SFPI35-R Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2G6SFPI35-R Datasheet HTML 1Page - Silicom Ltd. PE2G6SFPI35-R Datasheet HTML 2Page - Silicom Ltd. PE2G6SFPI35-R Datasheet HTML 3Page - Silicom Ltd. PE2G6SFPI35-R Datasheet HTML 4Page - Silicom Ltd. PE2G6SFPI35-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
UDP and TCP transmit segmentation offload (TSO). machine
SCTP receive and transmit checksum offload
Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation
EEE (IEEE 802.3az) for reduced power consumption during low link utilization periods
SFP Gigabit Ethernet:
Gigabit Ethernet Adapters with SFP cage support:
1000Base-LX Fiber Gigabit Ethernet with 1000Base-LX SFP transceiver
1000Base-SX Fiber Gigabit Ethernet with 1000Base-SX SFP transceiver
1000Base-T (1000Mbit/s) Copper Gigabit Ethernet with 1000Base-T SFP transceiver
Small Form Factor Pluggable (SFP) Cage for SFP LC connectors
Optional SGMII mode (future support)
Common Key features:
Support PCI Express Base Specification 2.1 (5 GTs)
High performance, reliability, and low power use in Intel i350 Quad integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
Link Aggregation and Load Balancing
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB)
802.x flow control
Multicast/ broadcast Packet replication
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity status



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com