Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWD488C/D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HWD488C/D
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD488C/D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HWD488C/D Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 12Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 13Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 14Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 15Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 16Page - List of Unclassifed Manufacturers HWD488C/D Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Line Length vs. Data Rate
The RS-485/RS-422 standard covers line lengths up to
4000 feet. For line lengths greater than 4000 feet, see
Figure 23.
Figures 19 and 20 show the system differential voltage
for the parts driving 4000 feet of 26AWG twisted-pair
wire at 110kHz into 120Ω loads.
Typical Applications
The HWD481, HWD483, HWD485, HWD487–HWD491, and
HWD1487 transceivers are designed for bidirectional data
communications on multipoint bus transmission lines.
Figures 21 and 22 show typical network applications
circuits. These parts can also be used as line
repeaters, with cable lengths longer than 4000 feet, as
shown in Figure 23.
To minimize reflections, the line should be terminated at
both ends in its characteristic impedance, and stub
lengths off the main line should be kept as short as possi-
ble. The slew-rate-limited HWD483 and HWD487–HWD489
are more tolerant of imperfect termination.
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
DI
VY-VZ
RO
5V
0V
1V
0V
-1V
5V
0V
2µs/div
DI
VY-VZ
RO
5V
0V
1V
0V
-1V
5V
0V
2µs/div
DI
RO
DE
RE
A
B
RE
RE
RE
RO
RO
RO
DI
DI
DI
DE
DE
DE
D
D
D
R
R
R
BB
B
A
A
A
120Ω
120Ω
D
R
HWD481
HWD483
HWD485
HWD487
HWD1487
Figure 19. HWD481/HWD485/HWD490/HWD491/HWD1487 System
Differential Voltage at 110kHz Driving 4000ft of Cable
Figure 20. HWD483, HWD487–HWD489 System Differential
Voltage at 110kHz Driving 4000ft of Cable
Figure 21. HWD481/HWD483/HWD485/HWD487/HWD1487 Typical Half-Duplex RS-485 Network
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com