Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BES024F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES024F
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES024F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES024F Datasheet HTML 1Page - Balluff Korea Ltd. BES024F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 517-224-M5-E
Order Code: BES024F
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 254654
ETIM 6.0: EC002714
BES024F_0.8_2020-09-14
2 / 2
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP67
Functional safety
MTTF (40 °C)
245 a
Material
Housing material
PBT
Material sensing surface
PBT
Mechanical data
Connection cross-section
2.5 mm²
Dimension
40 x 80 x 80 mm
Installation
non-flush
Size
80x80
Tightening torque clamping screw
0.8 Nm
Output/Interface
Cable fitting, thread size
M20x1.5
Switching output
NO/NC
Range/Distance
Assured operating distance Sa
4.5 mm
Hysteresis H max. (% of Sr)
20.0 %
Rated operating distance Sn
50 mm
Real switching distance sr
50 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
Programming of the switching function using internal switch: Position 1: NO (default)
Position 2: NC
Once the overload has been eliminated, interrupt operating voltage Vs for approx. 2 sec.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com