Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BES02AP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES02AP
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02AP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES02AP Datasheet HTML 1Page - Balluff Korea Ltd. BES02AP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES 516-418-E4-L-02
Order Code: BES02AP
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 255204
ETIM 6.0: EC002714
BES02AP_0.32_2020-09-14
1 / 2
Basic features
Approval/Conformity
cULus
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Electrical connection
Cable diameter D
4.60 mm
Cable length L
2 m
Conductor cross-section
0.34 mm²
Connection type
Cable, 2.00 m, PVC
Number of conductors
2
Polarity reversal protected
yes
Short-circuit protection
no
Electrical data
Min. operating current Im
5 mA
Operating voltage Ub
20...250 VAC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
500 mA
Rated operating voltage Ue AC
110 V
Ready delay tv max.
100 ms
Residual current Ir max.
1500 µA
Switching frequency
10 Hz
Utilization category
AC-140
Voltage drop static max.
4 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP67
Material
Housing material
Brass, nickel plated
Material jacket
PVC
Material sensing surface
PA 12
Surface protection
nickel plated
Mechanical data
Dimension
Ø 30 x 56 mm
Installation
for flush mounting
Size
M30x1.5
Tightening torque
36 Nm
Output/Interface
Switching output
Normally open (NO)
Range/Distance
Assured operating distance Sa
10 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
10 mm
Real switching distance sr
10 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %


Similar Part No. - BES02AP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES02A1 BALLUFF-BES02A1 Datasheet
109Kb / 2P
Inductive Sensors
BES02A5 BALLUFF-BES02A5 Datasheet
112Kb / 2P
Inductive Sensors
BES02A6 BALLUFF-BES02A6 Datasheet
111Kb / 2P
Inductive Sensors
BES02AC BALLUFF-BES02AC Datasheet
115Kb / 2P
Inductive Sensors
BES02AE BALLUFF-BES02AE Datasheet
113Kb / 2P
Inductive Sensors
More results

Similar Description - BES02AP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com