Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGC3140 Datasheet(PDF) 13 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 9Page - Microchip Technology MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
within the detection area until a certain timer value is reached, the Presence gesture is detected. The
timer value is configurable. The Presence gesture is typically used for lighting up back-lights as if the
hand is in the detection area and does not move; a second timer is started.
Presence and Hold gestures are triggered upon a time-out in a defined Status flag. If a Status flag is
active during a certain amount of time, after its last rising edge, the corresponding gesture is triggered.
The Status flags that can trigger one of these gestures are:
•
Hand Presence flag is active while the user's hand is in the sensing space.
•
Hand Inside flag is active while the user's hand is in the sensing space approximately centered
above the sensor.
•
Hand Hold flag is active while the hand is not moving and one of the above Status flags is active,
the selection depends on ActiveOutside.
The behavior of the Status flags and corresponding gestures can be adjusted to suit a specific
application. The Gesture and Presence/Hold state visualization windows offer immediate feedback upon
adjustment.
The adjustable parameters are:
1.
ActiveOutside
–
Chooses if Hand Hold flag and Presence gesture can be active when the user is outside the
sensor, but still in sensing space.
•
ActiveOutside checked (default) means that Hand Presence is required to set Hand
Hold and that Presence Duration starts counting on the rising edge of Hand Presence
Status flag;
•
ActiveOutside unchecked means that Hand Inside is required to set Hand Hold and that
Presence Duration starts counting on the rising edge of Hand Inside Status flag.
2.
Presence Duration
–
This is the time during which the selected Status flag must be active to trigger a Presence
gesture. This time starts counting on the last rising edge of the selected Status flag. The
gesture is only triggered once for each rising edge of the flag.
3.
Hold Duration
–
This is the time during which the Holding Hand flag must be active to trigger a Hold gesture.
This time starts counting on the last rising edge of the Holding Hand flag. The gesture is only
triggered once for each rising edge of the flag.
4.
Hold Tremble Threshold
–
This value specifies how much the hand can move and still be considered as holding. For
high values, the hand can move while the Hand Hold flag is still high. For low values, only a
slight movement is necessary to clear the Hand Hold flag.
MGC3140
Feature Description
© 2018 Microchip Technology Inc.
DS40002037A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com