Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WIZFI310 Datasheet(PDF) 2 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 2 Page - WIZnet Co., Ltd

  WIZFI310 Datasheet HTML 1Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 2Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 3Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 4Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 5Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 6Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 7Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
WizFi310
WizFi310 is a small size wireless module for the highest level of integration,
featuring 802.11b/g and 802.11n.
It have onboard antenna, and external antenna interface, RF output PIN also exist in
the board.
WizFi310 internally integrated TCP / IP protocol stack, supporting numerous
protocols such as ARP, IP, ICMP, TCP, UDP, DHCP CLIENT, DHCP SERVER, DNS and
other etc. It supports AP mode, Station mode. It also support rich AT commands for
most kinds of application needs. Users can easily and quickly use it on wifi networking
and data transmission. The baud rate of module serial port up to 921600bps, which
can fully meet on low-rate applications.
In networking part, WizFi310 supports network parameters storage in the module
that reduces time to connect to network. The module has built-in WEB server,
supporting wireless network parameters configuration and wireless firmware upgrade.
It also supports WPS. For application protocols, MQTT and SSL were supported in this
module.
For software and driver development, WIZnet provides extensive technical
documents and reference software codes for system integration.
2 / 16
WizFi310 Datasheet Version1.0.0 (OCT 2016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com