Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS28BF Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS28BF
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS28BF Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS28BF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS28BF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS28BF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS22BF THRU SS220BF SMBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200 V
Forward Current - 2 A
FEATURES
Metal silicon junction, majority carrier conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 57mg / 0.002oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SMBF
Absolute Maximum Ratings and Electrical characteristics
Ratings at 25 ° ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
Parameter
Symbols
SS22BF
SS24BF
SS26BF
SS28BF
SS210BF SS212BF SS215BF SS220BF
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward Rectified Current
IF(AV)
2.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-
wave Superimposed On Rated Load (JEDEC method)
IFSM
55
45
A
Maximum Instantaneous Forward Voltage at 2 A
VF
0.55
0.70
0.85
0.95
V
Maximum Instantaneous Reverse Current TA = 25°C
at Rated DC Reverse Voltage
TA = 100°C
IR
0.5
5
0.3
3
mA
Typical Junction Capacitance (1)
Cj
220
110
pF
Typical Thermal Resistance (2)
RθJA
75
°C/W
Operating Junction Temperature Range
Tj
-55 ~ +150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Marking Code
SS22BF
S22B
SS24BF
S24B
SS26BF
S26B
SS28BF
S28B
SS210BF
S210B
SS212BF
S212B
SS215BF
S215B
SS220BF
S220B


Similar Part No. - SS28BF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS28BF YFWDIODE-SS28BF Datasheet
193Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Xian Semipower Electron...
SS28BF SEMIPOWER-SS28BF Datasheet
126Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
SS28BF ZSELEC-SS28BF Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SS28BF BILIN-SS28BF Datasheet
445Kb / 4P
Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS28BF JUXING-SS28BF Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - SS28BF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com