Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6S11 Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # CPCI-R6S11
Description  6U CompactPCI 10 Gigabit Ethernet Switch Blade
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CPCI-R6S11 Datasheet(HTML) 2 Page - Adlink Technology Inc.

  CPCI-R6S11 Datasheet HTML 1Page - Adlink Technology Inc. CPCI-R6S11 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Mar. 10, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Ordering Information
Switch Blade
●
cPCI-6S10
1-slot 4HP 6U CompactPCI Switch Blade with 24 1000BASE-T
ports, 2 10G SFP+ ports and PacketManager software
bundle
Rear Transition Modules
●
cPCI-R6S10
6U 8HP Rear Transition Module for cPCI-6S10 with 20 GbE
RJ-45 ports
●
cPCI-R6S11
6U 4HP Rear Transition Module for cPCI-6S10 with 6 GbE
RJ-45 ports supporting PICMG 2.16
Backplanes
●
cBP-6609A
6U 8-slot CompactPCI PICMG H.110 & PICMG 2.16 packet
switching backplane
●
cBP-6614A
6U 14-slot PICMG 2.16 CompactPCI blade server backplane
20x GbE
6x GbE
cPCI-R6S10
cPCI-R6S11
Specifications
● Compatible CPU Blades
CPU Blade
cPCI-6940/cPCI-6530/cPCI-6520/cPCI-6930/cPCI-6210/cPCI-6510
● Compactible Chassis
cPCIS-3300BLS
9U CompactPCI chassis with dual fabric switch slots and redundant power
supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com