Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6S10 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # CPCI-R6S10
Description  6U CompactPCI 10 Gigabit Ethernet Switch Blade
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CPCI-R6S10 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  CPCI-R6S10 Datasheet HTML 1Page - Adlink Technology Inc. CPCI-R6S10 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cPCI-6S10
6U CompactPCI 10 Gigabit Ethernet Switch Blade
Features
●
24-port fully managed Gigabit Ethernet switch
●
ARM Cortex-A9 processor integrated in Broadcom BCM56150
switch
●
Layer 2/3 switching with advanced support for VLANs, QoS
and IPv6
●
Two 10 Gigabit Ethernet SFP+ uplink ports
●
Supports based on PCIMG 2.9 (System Management
Specification)
●
Pre-installed ADLINK PacketManager accelerates packet
processing
Specifications
● Processor & System
Switch Fabric
Broadcom BCM56150 24-port Gigabit Ethernet switch with two 10 Gigabit
SFP+ uplink ports, integrated ARM Cortex-A9 processor
PHY
Broadcom BCM54685 Octal port 1000BASE-T PHY
Broadcom BCM5221 100M PHY
CPU
ARM Cortex-A9 CPU integrated in Broadcom BCM56150
Flash
8MB SLC QSPI NAND flash
PICMG standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.9 System Management R1.0
PICMG 2.16 Packet Switch Backplane R1.0
● Interface
Ethernet
Twenty 1000BASE-T ports to J3/J5 for node slots
Three 1000BASE-T ports to front panel
Two 10 Gigabit ports to front panel for uplink
One 10/100/1000BASE-T port to J4 for optional applicaiton
One 10/100BASE-TX port PHY to front panel for remote management
Management
500 kB on-chip frame buffer
DSCP remarking for both IPv4 and IPv6
Jumbo frame support
Programmable classifier for QoS, IEEE802.1p and DSCP for IPv4 and IPv6
8k MAC addresses and 4k VLANs (IEEE 802.1Q)
Flexible link aggregation compliant to IEEE 802.3ad
Full-duplex flow control (IEEE 802.3x) and half duplex back pressure,
symmetric and asymmetric multiple protocol support: IEEE 802.1D, IEEE
802.1w, IEEE 802.1s and IEEE 802.1X
COM
One RJ-45 RS-232 console port on front panel for management
● Operating System
OS
Broadcom SDK under Linux (Please contact ADLINK for other OS support)
● Miscellaneous
LEDs
Power Good, 24-port 1000BASE-T, 2-port 10 Gigabit
Hardware Monitor
Monitors voltages of CPU, switch and PHY by IPMI
Reset Button
Passive reset button on front panel for blade reset
● Mechanical & Environmental
Form Factor
6U 4HP (single slot)
233.35mm x 160mm (L x W)
Operating Temperature
0°C to +60°C for air cooled
Storage Temperature
-50°C to +100°C
RH Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2Grms random vibration between 5-500Hz in 3 axis, operating
● Safety & EMI
Certification
CE/ FCC Class A


Similar Part No. - CPCI-R6S10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6000 ETC2-CPCI-R6000 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
CPCI-R6000-965 ETC2-CPCI-R6000-965 Datasheet
512Kb / 2P
Two egress PCI-Express Gigabit Ethernet ports
CPCI-R6000-965D ETC2-CPCI-R6000-965D Datasheet
512Kb / 2P
Two egress PCI-Express Gigabit Ethernet ports
CPCI-R6000-L ETC2-CPCI-R6000-L Datasheet
512Kb / 2P
Two egress PCI-Express Gigabit Ethernet ports
CPCI-R6000D ETC2-CPCI-R6000D Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
More results

Similar Description - CPCI-R6S10

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
6U CompactPCI Intel짰 Celeron짰 M Processor Blade
logo
ORing Industrial Networ...
CPGS-9080-C ORING-CPGS-9080-C Datasheet
2Mb / 6P
3U CompactPCI EN50155 8-port managed Gigabit Ethernet switch
CPGS-9120-C ORING-CPGS-9120-C Datasheet
2Mb / 6P
3U CompactPCI EN50155 12-port managed Gigabit Ethernet switch
CPGS-9120-M12-C ORING-CPGS-9120-M12-C Datasheet
2Mb / 7P
3U CompactPCI EN50155 12-port managed Gigabit Ethernet switch
CPGS-B9142ET-C ORING-CPGS-B9142ET-C Datasheet
1Mb / 6P
3U CompactPCI EN50155 16-port managed Gigabit Ethernet switch
CPGS-B9142ET-M12-C ORING-CPGS-B9142ET-M12-C Datasheet
1Mb / 6P
3U CompactPCI EN50155 16-port managed Gigabit Ethernet switch
logo
Adlink Technology Inc.
ATCA-3430 ADLINK-ATCA-3430 Datasheet
325Kb / 2P
10 Gigabit Ethernet AdvancedTCA Fabric Interface Switch Blade
ATCA-9300 ADLINK-ATCA-9300 Datasheet
352Kb / 2P
10 Gigabit Ethernet AdvancedTCA짰 Processor Blade
logo
Advantech Co., Ltd.
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com