Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM708TESA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM708TESA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708TESA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM708TESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM708TESA Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ASM706 P/ R/ S/ T/ J
11 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Package Dimensions
MicroSO(8-pin)
Inches
Millimeters
Min
Max
Min
Max
A
-
0.0433
-
1.10
A1
0.0020
0.0059
0.050
0.15
A2
0.0295
0.0374
0.75
0.95
b
0.0098
0.0157
0.25
0.40
C
0.0051
0.0091
0.13
0.23
D
0.1142
0.1220
2.90
3.10
e
0.0256
0.65BS
E
0.193B
4.90BS
E1
0.1142
0.1220
2.90
3.10
L
0.0157
0.0276
0.40
0.70
a
0°6°0°6°
SO(8-pin)
Inches
Millimeters
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
e
0.050
1.27
E
0.150
0.157
3.80
4.00
H
0.228
0.244
5.80
6.20
L
0.016
0.50
0.40
1.27
D
0.189
0.197
4.80
2.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com