Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM706PESA Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM706PESA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706PESA Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM706PESA Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706PESA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
October 2003
rev 1.0
3/3.3/4.0 V µP Supervisor Circuits
ASM706 P/ R/ S/ T/ J
ASM708 R/ S/ T/ J
General Description
The ASM706P/R/S/T/J and ASM708R/S/T/J are cost effective
CMOS supervisor circuits that monitor power-supply and
battery voltage level, and
µP/µC operation.
The family offers several functional options. Each device
generates a reset signal during power-up, power-down and
during brownout conditions. A reset is generated when the
supply drops below 2.63V (ASM706P/R, ASM708R), 2.93V
(ASM706S, ASM708S), 3.08V (ASM706T, ASM708T) or 4.00
(ASM706J, ASM708J). In addition, the ASM706P/R/S/T/J
feature a 1.6 second watchdog timer. The watchdog timer
output will trigger a reset if connected to MR. Floating the WDI
input pin disables the watchdog timer.
The ASM708R/S/T/J have both active-HIGH and active-LOW
reset outputs but no watchdog function. The ASM706P has the
same pin-out and functions as the ASM706R but has an active-
HIGH reset output.
A versatile power-fail circuit, useful in checking battery levels
and non-5V supplies, has a 1.25V threshold. All devices have a
manual reset input. All devices are available in 8-pin DIP, SO
and the compact MicroSO packages. The MicroSO package
requires 50% less PC board area than the conventional SO
package.
Features
•
Precision power supply minotor
•2.63V threshold (ASM706P/R, ASM708R)
•2.93V threshold (ASM706S, ASM708S)
•3.08V threshold (ASM706T, ASM708T)
•New 4.00V threshold (ASM706J , ASM708J)
•
Debounced manual reset input
•
Auxiliary voltage monitor comparator
•1.25V threshold
•Battery monitor / auxiliary supply monitor
•
Watchdog timer (ASM706P/R/S/T/J)
•Watchdog can be disabled by floating WDI
•
200ms reset time delay
•
Three reset signal options
•Active HIGH: ASM706P
•Active LOW: ASM706R/S/T/J
•Active HIGH and LOW outputs: ASM708R/S/T/J
•
DIP, SO and MicroSO packages
•
Guaranteed RESET assertion to VCC = 1.1V
Applications
•
Computers and embedded controllers
•
CTI applications
•
Automotive systems
•
Portable/Battery-operated systems
•
Intelligent instruments
•
Wireless communication systems
•
PDAs and hand-held equipment
•
Safety systems
Typical Operating Circuit
+3.3V Regulator
VCC
PFI
MR
(RESET)
WDI
WDO
PFO
VCC
(RESET)
I/O LINE
NMI
INTERRUPT
Unregulated DC
R1
R2
µP
ASM706 R/S/T
ASM708 R/S/T
(ASM706 P)
RESET
RESET


Similar Part No. - ASM706PESA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
190Kb / 15P
Low Power UP Supervisor Circuits
logo
PulseCore Semiconductor
ASM706 PULSECORE-ASM706 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
logo
Alliance Semiconductor ...
ASM706CPA ALSC-ASM706CPA Datasheet
190Kb / 15P
Low Power UP Supervisor Circuits
ASM706CPA ALSC-ASM706CPA Datasheet
198Kb / 16P
Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM706CPA PULSECORE-ASM706CPA Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
More results

Similar Description - ASM706PESA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
Low Power uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
UP Supervisor Circuits
STC809 ETC1-STC809 Datasheet
110Kb / 13P
UP Supervisor Circuits
logo
STMicroelectronics
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
uP Supervisor Circuits
logo
STMicroelectronics
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706TAM6F STMICROELECTRONICS-STM706TAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com